Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1064RGFTQ1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1064RGFTQ1
Description  TUSB1064-Q1 USB Type-C® DP Alt Mode 10Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1064RGFTQ1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1064RGFTQ1 Datasheet HTML 9Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 10Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 11Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 12Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 13Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 14Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 15Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 16Page - Texas Instruments TUSB1064RGFTQ1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
5.8 Typical Characteristics (continued)
Differential Input Voltage (mV)
0
500
1000
1500
2000
0
200
400
600
800
1000
1200
D001
EQ0
EQ2
EQ4
EQ6
EQ8
EQ10
EQ12
EQ15
.
.
.
.
.
Figure 5-9. USB RX (UFP) Linearity Curves at 5GHz
Figure 5-10. Input Return Loss Performance
Figure 5-11. Output Return Loss Performance
Figure 5-12. DisplayPort Output Return Loss Performance
www.ti.com
TUSB1064-Q1
SLLSFP0 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB1064-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com