Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68033 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C68033
Description  EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68033 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C68033 Datasheet HTML 17Page - Cypress Semiconductor CY7C68033 Datasheet HTML 18Page - Cypress Semiconductor CY7C68033 Datasheet HTML 19Page - Cypress Semiconductor CY7C68033 Datasheet HTML 20Page - Cypress Semiconductor CY7C68033 Datasheet HTML 21Page - Cypress Semiconductor CY7C68033 Datasheet HTML 22Page - Cypress Semiconductor CY7C68033 Datasheet HTML 23Page - Cypress Semiconductor CY7C68033 Datasheet HTML 24Page - Cypress Semiconductor CY7C68033 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
CY7C68033/CY7C68034
Document #: 001-04247 Rev. *D
Page 21 of 33
E69E 2
reserved
E6A0 1
EP0CS
Endpoint 0 Control and
Status
HSNAK
0
0
0
0
0
BUSY
STALL
10000000 bbbbbbrb
E6A1 1
EP1OUTCS
Endpoint 1 OUT Control
and Status
0
0
0
0
0
0
BUSY
STALL
00000000 bbbbbbrb
E6A2 1
EP1INCS
Endpoint 1 IN Control and
Status
0
0
0
0
0
0
BUSY
STALL
00000000 bbbbbbrb
E6A3 1
EP2CS
Endpoint 2 Control and
Status
0
NPAK2
NPAK1
NPAK0
FULL
EMPTY
0
STALL
00101000 rrrrrrrb
E6A4 1
EP4CS
Endpoint 4 Control and
Status
0
0
NPAK1
NPAK0
FULL
EMPTY
0
STALL
00101000 rrrrrrrb
E6A5 1
EP6CS
Endpoint 6 Control and
Status
0
NPAK2
NPAK1
NPAK0
FULL
EMPTY
0
STALL
00000100 rrrrrrrb
E6A6 1
EP8CS
Endpoint 8 Control and
Status
0
0
NPAK1
NPAK0
FULL
EMPTY
0
STALL
00000100 rrrrrrrb
E6A7 1
EP2FIFOFLGS
Endpoint 2 slave FIFO
Flags
0
0
0
0
0
PF
EF
FF
00000010 R
E6A8 1
EP4FIFOFLGS
Endpoint 4 slave FIFO
Flags
0
0
0
0
0
PF
EF
FF
00000010 R
E6A9 1
EP6FIFOFLGS
Endpoint 6 slave FIFO
Flags
0
0
0
0
0
PF
EF
FF
00000110 R
E6AA 1
EP8FIFOFLGS
Endpoint 8 slave FIFO
Flags
0
0
0
0
0
PF
EF
FF
00000110 R
E6AB 1
EP2FIFOBCH
Endpoint 2 slave FIFO
total byte count H
0
0
0
BC12
BC11
BC10
BC9
BC8
00000000 R
E6AC 1
EP2FIFOBCL
Endpoint 2 slave FIFO
total byte count L
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
00000000 R
E6AD 1
EP4FIFOBCH
Endpoint 4 slave FIFO
total byte count H
0
0
0
0
0
BC10
BC9
BC8
00000000 R
E6AE 1
EP4FIFOBCL
Endpoint 4 slave FIFO
total byte count L
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
00000000 R
E6AF 1
EP6FIFOBCH
Endpoint 6 slave FIFO
total byte count H
0
0
0
0
BC11
BC10
BC9
BC8
00000000 R
E6B0 1
EP6FIFOBCL
Endpoint 6 slave FIFO
total byte count L
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
00000000 R
E6B1 1
EP8FIFOBCH
Endpoint 8 slave FIFO
total byte count H
0
0
0
0
0
BC10
BC9
BC8
00000000 R
E6B2 1
EP8FIFOBCL
Endpoint 8 slave FIFO
total byte count L
BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
00000000 R
E6B3 1
SUDPTRH
Setup Data Pointer high
address byte
A15
A14
A13
A12
A11
A10
A9
A8
xxxxxxxx
RW
E6B4 1
SUDPTRL
Setup Data Pointer low ad-
dress byte
A7
A6
A5
A4
A3
A2
A1
0
xxxxxxx0
bbbbbbbr
E6B5 1
SUDPTRCTL
Setup Data Pointer Auto
Mode
0
0
0
0
0
0
0
SDPAUTO
00000001 RW
2
reserved
E6B8 8
SET-UPDAT
8 bytes of setup data
D7
D6
D5
D4
D3
D2
D1
D0
xxxxxxxx
R
SET-UPDAT[0] =
bmRequestType
SET-UPDAT[1] =
bmRequest
SET-UPDAT[2:3] = wVal-
ue
SET-UPDAT[4:5] = wInd-
ex
SET-UPDAT[6:7] =
wLength
GPIF
E6C0 1
GPIFWFSELECT
Waveform Selector
SINGLEWR1 SINGLEWR0 SINGLERD1 SINGLERD0 FIFOWR1
FIFOWR0
FIFORD1
FIFORD0
11100100 RW
E6C1 1
GPIFIDLECS
GPIF Done, GPIF IDLE
drive mode
DONE
0
0
0
0
0
0
IDLEDRV
10000000 RW
E6C2 1
GPIFIDLECTL
Inactive Bus, CTL states 0
0
CTL5
CTL4
CTL3
CTL2
CTL1
CTL0
11111111
RW
E6C3 1
GPIFCTLCFG
CTL Drive Type
TRICTL
0
CTL5
CTL4
CTL3
CTL2
CTL1
CTL0
00000000 RW
E6C4 1
GPIFADRH[7]
GPIF Address H
0
0
0
0
0
0
0
GPIFA8
00000000 RW
E6C5 1
GPIFADRL[7]
GPIF Address L
GPIFA7
GPIFA6
GPIFA5
GPIFA4
GPIFA3
GPIFA2
GPIFA1
GPIFA0
00000000 RW
FLOWSTATE
E6C6 1
FLOWSTATE
Flowstate Enable and
Selector
FSE
0
0
0
0
FS2
FS1
FS0
00000000 brrrrbbb
E6C7 1
FLOWLOGIC
Flowstate Logic
LFUNC1
LFUNC0
TERMA2
TERMA1
TERMA0
TERMB2
TERMB1
TERMB0
00000000 RW
E6C8 1
FLOWEQ0CTL
CTL-Pin States in
Flowstate
(when Logic = 0)
CTL0E3
CTL0E2
CTL0E1/
CTL5
CTL0E0/
CTL4
CTL3
CTL2
CTL1
CTL0
00000000 RW
E6C9 1
FLOWEQ1CTL
CTL-Pin States in Flow-
state (when Logic = 1)
CTL0E3
CTL0E2
CTL0E1/
CTL5
CTL0E0/
CTL4
CTL3
CTL2
CTL1
CTL0
00000000 RW
E6CA 1
FLOWHOLDOFF
Holdoff Configuration
HOPERIOD3 HOPERIOD2 HOPERIOD1 HOPERIOD
0
HOSTATE
HOCTL2
HOCTL1
HOCTL0
00010010 RW
E6CB 1
FLOWSTB
Flowstate Strobe
Configuration
SLAVE
RDYASYNC CTLTOGL
SUSTAIN
0
MSTB2
MSTB1
MSTB0
00100000 RW
E6CC 1
FLOWSTBEDGE
Flowstate Rising/Falling
Edge Configuration
0
0
0
0
0
0
FALLING
RISING
00000001 rrrrrrbb
Table 9. NX2LP-Flex Register Summary (continued)
Hex
Size Name
Description
b7
b6
b5
b4
b3
b2
b1
b0
Default
Access
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com