Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8213 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.0 July 2007
16
In situations where the input video signal does not have a stable reference level it may be necessary
to clamp only during those pixels which have a known state (e.g. the dummy, or “black” pixels at the
start or end of a line of most image sensors). This is known as line-clamping and relies on the input
capacitor to hold the DC level between clamp intervals. In non-CDS mode (CDS=0) this can be done
directly by controlling the RSMP input pin to go high during the black pixels only.
Alternatively it is possible to use RSMP to identify the black pixels and enable the clamp at the same
time as the input is being sampled (i.e. when VSMP is high and RSMP is high). This mode is
enabled by setting CLAMPCTRL=1 and the operation is shown in Figure 10.
MCLK
VSMP
RSMP
RLC switch control,
"CLMP"
(RLCEN=1,CLMPCTRL=1)
RLC switch closed when RSMP=1 &&
VSMP=1 (during "black" pixels)
Video and reference sample
taken on fallling edge of VSMP
INPUT VIDEO
SIGNAL
unstable
reference level
dummy or
"black" pixel
video level
Figure 10 Reset Level Clamp Operation (CLAMPCTRL=1), non-CDS mode only
When in LEGACY mode all timing, including the RLC switch timing, is derived from MCLK and
VSMP. MCLK operates at double the ADC conversion rate and VSMP determines the sample rate of
the device.
Reset Level Clamping in LEGACY mode is only possible in CDS mode and the time at which the
clamp switch is closed is concurrent with the reset sample period, RS, as shown in Figure 11. RLC
can be enabled on a pixel by pixel basis under control of the RSMP input pin. If RSMP is high when
VSMP is high and is sampled by MCLK then clamping will be enabled for that input sample at the
time determined by CDSREF[1:0]. If RSMP is low at this point then the RLC switch will not be closed
for that input sample. If RLC is required on every pixel then the RSMP pin can be constantly held
high in LEGACY mode.
Figure 11 LEGACY Mode RLC and Sampling (LEGACY=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com