Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8213
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8213 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8213 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.0 July 2007
33
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
3:0
RLCDAC[3:0]
1111
Controls RLCDAC driving VRLC/VBIAS pin to define single ended
signal reference voltage or Reset Level Clamp voltage. See
Electrical Characteristics section for ranges.
5:4
CDSREF[1:0]
01
When LEGACY=0 these register bits have no effect.
CDS mode reset timing adjust.
00 = Advance reset sample by 1 MCLK period (relative to
default).
01 = Default reset sample position.
10 = Delay reset sample by 1 MCLK period (relative to default)
11 = Delay reset sample by 2 MCLK periods (relative to default)
When MONO=0 these register bits have no effect
Monochrome mode channel select.
000011
(03h)
Setup
Register 3
7:6
CHAN[1:0]
00
00 = Red channel select
01 = Green channel select
10 = Blue channel select
11 = Reserved
000100
(04h)
Software
Reset
Any write to Software Reset causes all cells to be reset. It is
recommended that a software reset be performed after a power-
up before any other register writes.
000101
(05h)
Auto-cycle
Reset
Any write to Auto-cycle Reset causes the auto-cycle counter to
reset
to RINP. This function is only required when LINEBYLINE = 1.
0
LINEBYLINE
0
Selects line by line operation. Line by line operation is intended
for use with systems which operate one line at a time but with up
to three colours shared on that one output.
0 = normal operation,
1 = line by line operation.
When line by line operation is selected MONO is forced to 1 and
CHAN[1:0] to 00 internally, ensuring that the correct internal
timing signals are produced. Green and Blue PGAs are also
disabled to save power.
1
ACYC
0
When LINEBYLINE = 0 this bit has no effect.
When LINEBYLINE = 1 this bit determines the function of the
RSMP input pin and the offset/gain register controls.
0 = RSMP pin enabled for either reset sampling (CDS) or Reset
Level Clamp control. Internal selection of gain/offset multiplexers
using INTM[1:0] register bits.
1 = Auto-cycling enabled by pulsing the RSMP input pin. This
means that each time a pulse is applied to this pin the single
input channel will switch to the next offset register and gain
register in the sequence. The sequence is
Red->Green->Blue->Red… offset and gain registers applied to
the red input channel.
When auto-cycling is enabled, the RSMP pin cannot be used to
control reset level clamping. The CLMPCTRL bit may be used
instead (enabled when high, disabled when low).
NB, when auto-cycling is enabled, the RSMP pin cannot be used
for reset sampling (i.e. CDS must be set to 0).
3:2
INTM[1:0]
00
When LINEBYLINE=0 or ACYC=1 this bit has no effect.
When LINEBYLINE=1 and ACYC=0:
Controls the PGA/offset mux selector:
00 = Red PGA/Offset registers applied to input channel
01 = Green PGA/Offset registers applied to input channel
10 = Blue PGA/Offset registers applied to input channel
11 = Reserved.
000110
(06h)
Setup
Register 4
7:4
Reserved
0000
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com