Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAWBCR4 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSAWBCR4
Description  White PLCC4 Surface Mount LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSAWBCR4 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSAWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A
10/06
Page 2 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
White PLCC4 Surface Mount LED
OVSAWBCR4
Absolute Maximum Ratings
TA = 25
o C (on metal core PCB) unless otherwise noted
Electrical Characteristics
TA = 25
o C (on metal core PCB) unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
715
1050
mcd
IF = 30 mA
VF
Forward Voltage
3.05
3.4
4.0
V
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
2 Θ½
50% Power Angle
----
120
----
deg
IF = 20 mA
x
Chromaticity Coordinates
----
0.32
----
----
IF = 20 mA
y
----
0.33
----
----
IF = 20 mA
1400
Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. Pb content <1000 PPM.
3. To designate luminous intensity ranks or chromaticity bins, please contact OPTEK.
4. Part is sensitive to static electricity and precautions must be used when handling products.
Storage Temperature Range
-40 ~ + 100°C
Operating Temperature Range
-40 ~ + 100°C
Soldering Temperature (5 second maximum)
260°C
Forward Current
30mA
Peak Forward Current (10% Duty Cycle, 1 KHz)
200 mA
Reverse Voltage
5 V
ESD Threshold (HBM)
2000 V
Power Dissipation
135 mW
LED Junction Temperature
125°C
Standard Bins (I
F = 30 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates (x, y) bins shown.
Orders for OVSAWBCR4 may be filled with any or all bins contained as below.
W1
V2
V1
Luminous Intensity (mcd)
1400
1125
900
715



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com