Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAWBCR4 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVSAWBCR4
Description  White PLCC4 Surface Mount LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSAWBCR4 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVSAWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSAWBCR4 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue A 10/06
Page 3 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Standard Bins (I
F = 30 mA)
Lamps are sorted to luminous intensity (IV) and chromaticity coordinates bins shown. Orders may be filled with any
or all bins contained as below.
A1
CX
0.2775
0.2900
0.2900
0.2775
CY
0.2732
0.2939
0.3114
0.2907
A2
CX
0.2775
0.2900
0.2900
0.2775
CY
0.2557
0.2764
0.2939
0.2732
A3
CX
0.2900
0.3025
0.3025
0.2900
CY
0.2939
0.3146
0.3321
0.3114
A4
CX
0.2900
0.3025
0.3025
0.2900
CY
0.2764
0.2971
0.3146
0.2939
C1
CX
0.3025
0.3150
0.3150
0.3025
CY
0.3146
0.3354
0.3529
0.3321
C2
CX
0.3025
0.3150
0.3150
0.3025
CY
0.2971
0.3179
0.3354
0.3146
C3
CX
0.3150
0.3275
0.3275
0.3150
CY
0.3354
0.3561
0.3736
0.3529
C4
CX
0.3150
0.3275
.03275
0.3150
CY
0.3179
0.3386
.03561
0.3354
E1
CX
0.3275
0.3400
0.3400
0.3275
CY
0.3561
0.3768
0.3943
0.3736
E2
CX
0.3275
0.3400
0.3400
0.3275
CY
0.3386
0.3593
0.3768
0.3561
E3
CX
0.3400
0.3525
0.3525
0.3400
CY
0.3768
0.3975
0.4150
0.3943
CX
0.3400
0.3525
0.3525
0.3400
CY
0.3593
0.3800
0.3975
0.3768
E4
White Bin Structure
White PLCC4 Surface Mount LED
OVSAWBCR4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com