Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRBCR44 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSPRBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPRBCR44 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSPRBCR44 Datasheet HTML 1Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 2Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 3Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 4Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 5Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 6Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 7Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 8Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Issue A 02/06
Page 2 of 9
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
2.2
2.5
2.8
V
Φ
Luminous Flux
Red
22
30
35
lm
Yellow
25
35
49
lm
IV
Luminous Intensity
Red
28.5
40
45
cd
Yellow
28.5
45
56
cd
λD
Red
620
625
630
nm
Yellow
585
589
597
nm
IR
Reverse Current @ 12V
----
100
----
µA
2 Θ½
50% Power Angle
----
40
----
deg
Dominant Wavelength
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
Absolute Maximum Ratings T
A = 25°C
Notes:
1.
Pulse width tp ≤ 10µs, Duty cycle = 0.1
2.
Thermal resistance = 20K/W for red and yellow; and 18K/W for white
Optical and Electrical Characteristics—Red, Yellow (I
F = 400 mA, TA = 25° C)
Red, Yellow
White
DC Forward Current
400mA
350mA
Peak Pulsed Forward Current
1
500mA
1000mA
Reverse Voltage
12V
Not designed for reverse bias
Junction Temperature
2
Power Dissipation
1200mW
Storage and Operating Temperature
-40°~ +100 °C
ESD Threshold (HBM)
2000V
125°C
Optical and Electrical Characteristics—White (I
F = 350 mA, TA = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
3.6
4.0
V
Φ
Luminous Flux
39
52
61
lm
2 Θ½
50% Power Angle
----
60
----
deg
IR
Reverse Current
----
10
----
µA
IV
Luminous Intensity
35.5
42
56
cd



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com