Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPRBCR44 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVSPRBCR44
Description  1-Watt SMD 6mm With Dome Lens
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPRBCR44 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVSPRBCR44 Datasheet HTML 1Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 2Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 3Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 4Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 5Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 6Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 7Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 8Page - OPTEK Technologies OVSPRBCR44 Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Issue A 02/06
Page 3 of 9
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
1-Watt SMD 6mm Dome Lens
OVSPxBCR44 Series
OVSPRBCR44 (RED)
(IF = 400 mA)
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous flux ranks, please contact OPTEK.
3.
Pb content <1000PPM.
OVSPYBCR44 (YELLOW)
(IF = 400 mA)
Standard Bins
Lamps are sorted to luminous flux (Φ), luminous intensity (IV) and dominant wavelength (λD) bins shown.
Orders may be filled with any or all bins contained as below.
AH
AG
[35.5-45.0 cd]
[28.5-35.5 cd]
620
630
35
27
22
Dominant Wavelength (nm)
AJ
AG
AH
[45.0-56.0 cd]
[35.5-45.0 cd]
[28.5-35.5 cd]
A
D
Dominant Wavelength (nm)
B
C
597
591
588
594
585
31
49
39
25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com