Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29948AI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29948AI
Description  2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948AI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29948AI Datasheet HTML 1Page - Cypress Semiconductor CY29948AI Datasheet HTML 2Page - Cypress Semiconductor CY29948AI Datasheet HTML 3Page - Cypress Semiconductor CY29948AI Datasheet HTML 4Page - Cypress Semiconductor CY29948AI Datasheet HTML 5Page - Cypress Semiconductor CY29948AI Datasheet HTML 6Page - Cypress Semiconductor CY29948AI Datasheet HTML 7Page - Cypress Semiconductor CY29948AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2.5V or 3.3V, 200-MHz, 1:12 Clock
Distribution Buffer
CY29948
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07288 Rev. *C
Revised February 16, 2006
Features
• 2.5V or 3.3V operation
• 200-MHz clock support
• LVPECL or LVCMOS/LVTTL clock input
• LVCMOS-/LVTTL-compatible inputs
• 12 clock outputs: drive up to 24 clock lines
• Synchronous Output Enable
• Output three-state control
• 150 ps typical output-to-output skew
• Pin compatible with MPC948, MPC948L, MPC9448
• Available in Commercial and Industrial temp. range
• 32-pin TQFP package
Description
The CY29948 is a low-voltage 200-MHz clock distribution
buffer with the capability to select either a differential LVPECL
or a LVCMOS/LVTTL compatible input clock. The two clock
sources can be used to provide for a test clock as well as the
primary
system
clock.
All
other
control
inputs
are
LVCMOS/LVTTL compatible. The 12 outputs are LVCMOS or
LVTTL compatible and can drive 50
Ω series or parallel termi-
nated transmission lines. For series terminated transmission
lines, each output can drive one or two traces giving the device
an effective fanout of 1:24. The outputs can also be
three-stated
via
the
three-state
input
TS#.
Low
output-to-output skews make the CY29948 an ideal clock
distribution buffer for nested clock trees in the most
demanding of synchronous systems.
The CY29948 also provides a synchronous output enable
input for enabling or disabling the output clocks. Since this
input is internally synchronized to the input clock, potential
output glitching or runt pulse generation is eliminated.
Block Diagram
Pin Configuration
PECL_CLK
PECL_CLK#
0
1
TCLK
TCLK_SEL
SYNC_OE
TS#
VDD
VDDC
12
Q0-Q11
CY29948
VSS
Q4
VDDC
Q5
VSS
Q6
VDDC
Q7
TCLK_SEL
TCLK
PECL_CLK
PECL_CLK#
SYNC_OE
TS#
VDD
VSS
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
[+] Feedback
[+] Feedback


Similar Part No. - CY29948AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29948AI CYPRESS-CY29948AI Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29948AIT CYPRESS-CY29948AIT Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
More results

Similar Description - CY29948AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29949 CYPRESS-CY29949 Datasheet
111Kb / 7P
2.5V or 3.3V 200-MHz 1:15 Clock Distribution Buffer
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29942 CYPRESS-CY29942 Datasheet
184Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29948 CYPRESS-CY29948 Datasheet
108Kb / 7P
2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
B9940L CYPRESS-B9940L Datasheet
182Kb / 5P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29943 CYPRESS-CY29943 Datasheet
188Kb / 7P
2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer
CY29940 CYPRESS-CY29940_06 Datasheet
256Kb / 7P
2.5V or 3.3V, 200-MHz, 1:18 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
CY29949 CYPRESS-CY29949_08 Datasheet
328Kb / 7P
2.5V or 3.3V 200 MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com