Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY29948AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29948AI
Description  2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29948AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29948AI Datasheet HTML 1Page - Cypress Semiconductor CY29948AI Datasheet HTML 2Page - Cypress Semiconductor CY29948AI Datasheet HTML 3Page - Cypress Semiconductor CY29948AI Datasheet HTML 4Page - Cypress Semiconductor CY29948AI Datasheet HTML 5Page - Cypress Semiconductor CY29948AI Datasheet HTML 6Page - Cypress Semiconductor CY29948AI Datasheet HTML 7Page - Cypress Semiconductor CY29948AI Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY29948
Document #: 38-07288 Rev. *C
Page 2 of 8
Output Enable/Disable
The CY29948 features a control input to enable or disable the
outputs. This data is latched on the falling edge of the input
clock. When SYNC_OE is asserted LOW, the outputs are
disabled in a LOW state. When SYNC_OE is set HIGH, the
outputs are enabled as shown in Figure 1.
Note:
1. PD = Internal pull-down, PU = Internal pull-up.
Pin Description[1]
Pin
Name
PWR
I/O
Description
3
PECL_CLK
I, PU
PECL Input Clock
4
PECL_CLK#
I, PD
PECL Input Clock
2TCLK
I, PU
External Reference/Test Clock Input
9, 11, 13, 15,
17, 19, 21, 23,
25, 27, 29, 31
Q(11:0)
VDDC
O
Clock Outputs
1
TCLK_SEL
I, PU
Clock Select Input. When LOW, PECL clock is selected. When HIGH
TCLK is selected.
5
SYNC_OE
I, PU
Output Enable Input. When asserted HIGH, the outputs are enabled.
When set LOW the outputs are disabled in a LOW state.
6
TS#
I, PU
Three-state Control Input. When asserted LOW, the output buffers
are three-stated. When set HIGH, the output buffers are enabled.
10, 14, 18, 22,
26, 30
VDDC
2.5V or 3.3V Power Supply for Output Clock Buffers
7VDD
2.5V or 3.3V Power Supply
8, 12, 16, 20,
24, 28, 32
VSS
Common Ground
TCLK
SYNC_OE
Q
Figure 1. SYNC_OE Timing Diagram
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com