Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPWBCR4 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVSPWBCR4
Description  1-Watt SMD 6mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPWBCR4 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVSPWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 6Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 7Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 8Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 11/06
Page 1 of 11
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt SMD 6mm
(120°Viewing Angle)
OVSPxBCR4 Series
•
Robust energy-efficient design with long operating life
•
Low thermal resistance
•
Exceptional spatial uniformity
•
Optional optics to suit application
•
Available in yellow, blue, green, red and white
The OVSPxBCR4 Series is an energy-efficient packaged LED source that offers high luminance, and a long
operating lifespan. These devices offer a 120°viewing angle and an ultra-low profile (1.5mm) making them highly
suitable for conventional lighting and specialized applications. Optional optics are offered to suit application.
Please contact OPTEK for more information.
Applications
•
Automotive exterior and interior lighting
•
Architectural indoor and outdoor lighting
•
General lighting
•
Electronic signs and signals
Product Photo Here
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture
Part Number
Viewing Angle Emitted Color
Typical Luminous
Flux (lm)
Typical On-Axis
Intensity (cd)
Lens Color
OVSPBBCR4
Blue
9
3.4
Water Clear
OVSPGBCR4
Green
48
18.2
Water Clear
OVSPRBCR4
Red
26
9
Water Clear
OVSPYBCR4
Yellow
35
11.25
Water Clear
OVSPWBCR4
White
48
18
Water Clear
120°
Green, Blue Red, Yellow White
2
ORIENTATION MARK
POLARITY VARIES BY COLOR


Similar Part No. - OVSPWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPWBCR44 OPTEK-OVSPWBCR44 Datasheet
601Kb / 9P
1-Watt SMD 6mm With Dome Lens
logo
TT Electronics.
OVSPWBCR44 TTELEC-OVSPWBCR44 Datasheet
1Mb / 11P
1-Watt SMD 6mm With Dome Lens
More results

Similar Description - OVSPWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVSPRGBCR4 OPTEK-OVSPRGBCR4 Datasheet
820Kb / 6P
Full-color Power SMD 6mm (130째 Viewing Angle)
OVSPRBCR44 OPTEK-OVSPRBCR44 Datasheet
601Kb / 9P
1-Watt SMD 6mm With Dome Lens
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
White Side-Emitting SMD LED (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
10-Watt Lednium SMD (120째 Viewing Angle)
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
5-Watt SMD 6mm White (120째 Viewing Angle)
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
Full-Color Right-Angle SMD (120째 Viewing Angle)
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
10-Watt Lednium SMD (120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com