Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSPWBCR4 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVSPWBCR4
Description  1-Watt SMD 6mm (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSPWBCR4 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVSPWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 6Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 7Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 8Page - OPTEK Technologies OVSPWBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A.2 11/06
Page 3 of 11
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
27
1-Watt SMD 6mm
OVSPxBCR4 Series
OVSPRBCR4 (RED)
(IF = 400 mA)
OVSPBBCR4 (BLUE)
(IF = 350 mA)
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous flux ranks, please contact OPTEK.
3.
Pb content <1000PPM.
OVSPYBCR4 (YELLOW)
(IF = 400 mA)
Standard Bins
Lamps are sorted to luminous flux (Φ) and dominant wavelength (λD) bins shown.
Orders may be filled with any or all bins contained as below.
AB
AA
620
630
33
26
21
Dominant Wavelength (nm)
AC
AB
597
42
34
591
A
D
5.8
Dominant Wavelength (nm)
464
476
12
7.4
9
470
Y2
Y1
X2
A
B
Dominant Wavelength (nm)
AE
AD
525
535
60
OVSPGBCR4 (GREEN)
(IF = 350 mA)
48
38
530
Dominant Wavelength (nm)
A
B
B
C
588
594
585



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com