Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7345 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN User Network Interface for PDH Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM7345 Datasheet HTML 1Page - PMC-Sierra, Inc PM7345 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM7345 S/UNI-PDH
SATURN User Network Interface for PDH Applications
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-931209 (R6)
© 1998 PMC-Sierra, Inc.
September, 1998
SATURN, SCI-PHY, S/UNI-LITE,
S/UNI-MPH, and S/UNI-PDH are
trademarks of PMC-Sierra, Inc.
TYPICAL APPLICATIONS
DS3 OR E3 ATM USER NETWORK INTERFACE
DS1 OR E1 ATM USER NETWORK INTERFACE
Egress Direction ATM
Layer Devices and
Circuitry
PM7345
S/UNI®-PDH
SATURN® UNI for
PDH Applications
DS3 or E3 Line
Interface with
Clock Recovery
Crystal Oscillator Clock 34.386
MHz or 44.736 MHz
SCI-PHY™
(Appended ATM
Cells)
Microprocessor Bus
PM7323
RCMP-200
ATM Layer Cell
Routing, Control,
Monitoring, and
Policing
UTOPIA or
SCI-PHY™
ATM Cell Bus
Analog
Interface
PM4351
COMET
T1/E1/J1
Framer/LIU
PM7345
S/UNI®-PDH
SATURN® UNI for
PDH Applications
Analog
Interface
Egress Direction ATM
Layer Devices and
Circuitry
SCI-PHY™
Appended ATM
Cells)
Microprocessor Bus
PM7323
RCMP-200
ATM Layer Cell
Routing, Control,
Monitoring, and
Policing
UTOPIA or
SCI-PHY™
ATM Cell Bus



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com