Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM7345 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM7345
Description  SATURN User Network Interface for PDH Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM7345 Datasheet HTML 1Page - PMC-Sierra, Inc PM7345 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-931209 (R6)
© 1998 PMC-Sierra, Inc. September, 1998
PM7345
PMC-Sierra,Inc.
SATURN User Network Interface for PDH Applications
S/UNI-PDH
FEATURES
• Monolithic single-chip ATM User-
Network Interface (UNI) for DS3, E3,
DS1, and E1 Plesiochronous Digital
Hierarchy (PDH) applications.
• Provides on-chip DS3 (M23 or C-bit
parity) and E3 (G.751 and G.832)
framers.
• Implements the ATM direct cell
mapping into DS1, DS3, E1, and E3
transmission systems according to
ITU-T Recommendation G.804.
• Implements the ATM physical layer for
Broadband ISDN according to ITU-T
Recommendation I.432.
• Implements the Physical Layer
Convergence Protocol (PLCP) for DS1
and DS3 transmission systems
according to the ATM Forum User
Network Interface Specification and
ANSI TA-TSY-000773, TA-TSY-
000772 and E1 and E3 transmission
systems according to ETSI 300-269
and ETSI-270.
• Provides UTOPIA L1-compliant ATM-
PHY interface.
• Supports DS3 FEAC code insertion/
detection and provides an integral
HDLC transceiver for path
maintenance datalink processing.
• Supports G.832 Trail Trace and
provides an integral HDLC transceiver
that supports the Network
Requirement or General Purpose
datalinks.
• Provides detection of DS3/E3 Loss Of
Frame (LOF) and yellow alarm.
• Accumulates BIP-8, framing and FEBE
events.
• Provides ATM cell scrambling/
descrambling, HCS error detection and
correction, HCS insertion, idle/
unassigned ATM cell filtering and
insertion, and accumulates counts of
transmitted and received cells.
• Provides DS3/E3 diagnostic loopback,
line loopback, payload loopback and
ATM cell loopback.
• Provides support for an arbitrary rate
external transmission line interface up
to a maximum rate of 52 Mbit/s.
• Uses PMC-Sierra PM4341A T1XC T1,
PM6341 E1XC E1, or PM4351
COMET framer/line interface devices
for DS1, E1, and J1 ATM UNI
applications.
• Software-compatible with the
PM4341A T1XC, PM6341 E1XC,
PM4351 COMET, PM5346 S/UNI®-
LITE, and PM7344 S/UNI-MPH.
• Application-compatible with the
PM8313 D3MX, PM4314 QDSX, and
PM7323 RCMP-200.
• Provides an 8-bit microprocessor
interface for configuration, control, and
status monitoring.
• Low power CMOS technology.
• Available in a high density 100-pin
PQFP package (14 by 14 mm).
APPLICATIONS
• ATM Switches
• ATM Routers
• ATM Network Interfaces
• DSLAMs
• ATM / SMDS Test Equipment
BLOCK DIAGRA
RBOC
Receive
FEAC
MPIF
Microprocessor
Interface
RCLK
RPOS/RDAT
RNEG/ROHM
TCLK
TPOS/TDAT
TNEG/TOHM
Transmit
O/H
Access
XFDL
Transmit
HDLC
XBOC
Transmit
FEAC
1/2 TTB
Transmit
Trail-
Buffer
Receive
O/H
Access
PMON
Perfor-
mance
Monitor
RFDL
Receive
HDLC
1/2 TTB
Receive
Trail
Buffer
CPPM
PLCP/cell
Performance
Monitor
RXCP
Receive
Cell
Processor
RXFF
Receive
4-Cell
FIFO
TXCP
Transmit
Cell
Processor
TXFF
Transmit
4-Cell
FIFO
SPLT
Transmit
ATM and PLCP
Framer
Line
Encode
FRMR
DS3 or E3
Receive Framer
TRAN
DS3 or E3
Transmit Framer
Line
Encode
RXPRTY
RRDENB
RFCLK
FRDATA[7:0]
TCA
TXPRTY
TWRENB
TSOC
FWDATA[7:0]
TFCLK
RSOC
REOC
RCA
REOH
TSEN
System
Interface
ATMF/SPLR
Receive
ATM and PLCP
Framer


Similar Part No. - PM7345

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7345 PMC-PM7345 Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PM7345-QI PMC-PM7345-QI Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PM7345-RI PMC-PM7345-RI Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PM7345S PMC-PM7345S Datasheet
1Mb / 306P
SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
More results

Similar Description - PM7345

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5345 PMC-PM5345 Datasheet
617Kb / 2P
SATURN USER NETWORK INTERFACE
PM5349 PMC-PM5349 Datasheet
1Mb / 252P
SATURN USER NETWORK INTERFACE (155-QUAD)
PM5356 PMC-PM5356 Datasheet
1Mb / 307P
SATURN USER NETWORK INTERFACE (622-MAX)
PM5357 PMC-PM5357 Datasheet
2Mb / 432P
SATURN USER NETWORK INTERFACE (622-POS)
PM5381 PMC-PM5381 Datasheet
2Mb / 2P
SATURN USER NETWORK INTERFACE FOR 2488 MBIT/S
PM5346-1 PMC-PM5346-1 Datasheet
70Kb / 11P
SATURN USER NETWORK INTERFACE (LITE)
PM5346S PMC-PM5346S Datasheet
536Kb / 145P
SATURN USER NETWORK INTERFACE
PM5347S PMC-PM5347S Datasheet
897Kb / 302P
SATURN USER NETWORK INTERFACE PLUS
PM5348-1 PMC-PM5348-1 Datasheet
941Kb / 238P
DUAL SATURN USER NETWORK INTERFACE
PM5350-1 PMC-PM5350-1 Datasheet
617Kb / 196P
SATURN USER NETWORK INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com