Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3W Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVTL09LG3W
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3W Datasheet(HTML) 3 Page - OPTEK Technologies

  OVTL09LG3W Datasheet HTML 1Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 2Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Issue B 0507
Page 3 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Absolute Maximum Ratings
Electrical Characteristics (I
F = 1.05 A, TJ = 25° C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage (Amber)
5.7
6.9
7.8
V
Forward Voltage (Blue)
8.7
10.2
11.1
V
Forward Voltage (Green)
9.6
10.8
12.0
V
Forward Voltage (Red)
5.7
6.9
7.8
V
Forward Voltage (White)
8.7
10.2
11.1
V
VF Temperature Co-efficient (Amber, Red)
----
-6.0
----
mV/°C
VF Temperature Co-efficient (White, Blue)
----
-4.8
----
mV/°C
VF Temperature Co-efficient (Green)
----
-5.0
----
mV/°C
2 Θ½
50% Power Angle
----
120
----
deg
Forward Voltage (Red/Green/Blue)
8.5
9.2
9.9
V
DC Forward Current
1.05 A
Peak Pulsed Forward Current
1
3 A
Reverse Voltage
15 V
Maximum Allowable Junction Temperature
2
130°C
Storage and Operating Temperature
-50°~ +85 °C
Notes:
1. Pulse width 1 ms maximum, duty cycle 1/16.
2. Thermal resistance junction to board (TJB) is 2.5°C/W.
Optical Characteristics (I
F = 1.05 A, TJ = 25° C)
COLOR
DOMINANT WAVELENGTH
SPECTRAL FULL-WIDTH-
HALF-MAXIMUM
DOMINANT WAVELENGTH
TEMPERATURE DEPENDENCE
MIN
TYP
MAX
Amber
590
595
600
16 nm
0.08 nm/°C
Blue
455
460
465
24 nm
0.05 nm/°C
Green
510
515
520
40 nm
0.04 nm/°C
Red
620
625
630
18 nm
0.05 nm/°C
10-Watt Lednium SMD
OVTL09LG3x Series
Color
Minimum CCT (°K)
Maximum CCT (°K)
Chromaticity Coordinates
Cool White
6400
7600
Cx
.298
.306
.313
.317
Cy
.314
.288
.34
.307
Daylight White
5200
6400
Cx
.313
.318
.334
.338
Cy
.341
.300
.326
.382
Warm White
3200
3800
Cx
.395
.395
.435
.435
Cy
.372
.390
.426
.443



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com