Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL09LG3W Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OVTL09LG3W
Description  10-Watt Lednium SMD (120째 Viewing Angle)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL09LG3W Datasheet(HTML) 5 Page - OPTEK Technologies

  OVTL09LG3W Datasheet HTML 1Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 2Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 3Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 4Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 5Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 6Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 7Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 8Page - OPTEK Technologies OVTL09LG3W Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Issue B 0507
Page 5 of 11
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1.0
0.8
0.6
0.4
0.2
0.0
780
380
430
480
530
580
630
680
730
Wavelength (nm)
Input Current = 1.05 A, TJ = 25°C
Wavelength Characteristics
Typical Electro-Optical Characteristics Curves
Junction Temperature °C
10-Watt Lednium SMD
OVTL09LG3x Series
Input Current = 1.05A, TJ = 25°C
Wavelength Characteristics
——Daylight White
1.0
0.8
0.6
0.4
0.2
0.0
Wavelength Characteristics
780
200
300
400
500
600
700
——Cool White
Input Current = 1.05A, TJ = 25°C
200
300
400
500
600
700
Wavelength (nm)
1.0
0.8
0.6
0.4
0.2
0.0
Input Current = 1.05A, TJ = 25°C
Wavelength Characteristics
——Warm White
780
Junction Temperature °C
Junction Temperature Characteristics
-
0
20
40
60
80
100
120
140
160
Luminosity normalized to TJ = 25°C
2.0
1.6
1.2
1.0
0.4
0.0
1.8
1.4
0.8
0.2
0.6
% Normalized Luminosity at
Junction Temperature (°C)
0
25
50
75
100
125
OVTLO9LG3A
125
100
85
70
60
45
OVTLO9LG3B
107
100
95
87
75
65
OVTLO9LG3G
110
100
95
85
70
65
OVTLO9LG3R
135
100
90
75
65
50
OVTLO9LG3W
105
100
93
82
68
60
OPTEK
Part
Number
OVTLO9LG3WD
105
100
93
82
68
60
OVTLO9LG3WW
105
100
93
82
68
60
Luminosity normalized to TJ = 25°C
Junction Temperature Characteristics
1.0
0.8
0.6
0.4
0.2
0.0
200
300
400
500
600
700
780
Wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com