Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAAS Datasheet(PDF) 8 Page - OPTEK Technologies

Part # OVTL01LGAAS
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGAAS Datasheet(HTML) 8 Page - OPTEK Technologies

Back Button OVTL01LGAAS Datasheet HTML 2Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 3Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 4Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 5Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 6Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 7Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 8Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 9Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 10Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Issue B.2 01/07
Page 8 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Typical Electro-Optical Characteristics Curves
1.0
0.8
0.6
0.4
0.2
0.0
780
380
430
480
530
580
630
680
730
Wavelength (nm)
Input Current = 350 mA, TJ = 25°C
Wavelength Characteristics
1.0
0.8
0.6
0.4
0.2
0.0
200
300
400
500
600
700
Wavelength (nm)
Input Current = 350 mA, TJ = 25°C
Wavelength Characteristics
% Normalized Luminosity at
Junction Temperature (°C)
0
25
50
75
100
125
OVTLO1LGAA(S)
125
100
85
70
60
45
OVTLO1LGAB(S)
107
100
95
87
75
65
OVTLO1LGAG(S)
110
100
95
85
70
65
OVTLO1LGAR(S)
135
100
90
75
65
50
OVTLO1LGAW(S)
105
100
93
82
68
60
OPTEK
Part
Number
OVTLO1LGAWD(S)
105
100
93
82
68
60
OVTLO1LGAWW(S)
105
100
93
82
68
60
Luminosity normalized to TJ = 25°C
Junction Temperature Characteristics
Junction Temperature °C
Junction Temperature Characteristics
-
0
20
40
60
80
100
120
140
160
Luminosity normalized to TJ = 25°C
2.0
1.6
1.2
1.0
0.4
0.0
1.8
1.4
0.8
0.2
0.6
1-Watt Cup Series
OVTL01LGA Series
1.0
0.8
0.6
0.4
0.2
0.0
Input Current = 350 mA, TJ = 25°C
Wavelength Characteristics
——Warm White
780
——Daylight White
Wavelength Characteristics
780
200
300
400
500
600
700
——Cool White
Input Current = 350 mA, TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com