Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVTL01LGAAS Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OVTL01LGAAS
Description  1-Watt Cup Series Flush Mount and Surface Mount Packages
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVTL01LGAAS Datasheet(HTML) 4 Page - OPTEK Technologies

  OVTL01LGAAS Datasheet HTML 1Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 2Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 3Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 4Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 5Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 6Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 7Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 8Page - OPTEK Technologies OVTL01LGAAS Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Issue B.2 01/07
Page 4 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
1-Watt Cup Series
OVTL01LGA Series
Standard Bins
Lamps are sorted to luminous flux (Φ) and forward voltage (VF) bins shown. Orders may be filled with any or all bins
contained as below.
Important Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate forward voltage and luminous flux ranks, please contact OPTEK.
OVTL01LGAB and OVTL01LGABS (BLUE) (IF = 350 mA)
Dominant Wavelength 455-465nm
Forward Voltage (VF)
2.9
10
15
V1
V2
A
B
3.4
3.7
OVTL01LGAG and OVTL01LGAGS (GREEN) (IF = 350 mA)
Dominant Wavelength 510-520nm
Forward Voltage (VF)
40
52
V1
V2
A
B
3.2
4.0
OVTL01LGAA and OVTL01LGAAS (AMBER) (IF = 350 mA)
Dominant Wavelength 590-600nm
Forward Voltage (VF)
21
38
V1
V2
A
B
2.3
2.6
55
1.9
20
64
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com