Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAQBLCR8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVSAQBLCR8
Description  Red-Orange Top-View Surface Mount LED with Domed Lens
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSAQBLCR8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVSAQBLCR8 Datasheet HTML 1Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 2Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 3Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 4Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.1
0705
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red-Orange Top-View Surface
Mount LED with Domed Lens
OVSAQBLCR8
x
High Intensity with Low Power Consumption
x
White PLCC4 Package with Clear Domed Lens
x
Wide viewing angle
x
Packaged in 8mm tape on 7” diameter reel
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder
process
x
Red-Orange (618nm)
The OVSAQBLCR8 is designed for wide angle, uniform light output. Its internal reflector and colorless clear lens
optimize luminous intensity and make it ideal for backlighting applications and for coupling with light guides.
Applications
x
Traffic Lights
x
Signal and Symbol Luminaire
x
Mono-color Indicators
x
Backlighting (LCD, Switches, Displays, Illuminated Advertising)
x
Interior Automotive Lighting (Instrumentation Clusters)
x
Safety Marker Lights (Steps, Exit Ways)
Product Photo Here
Part Number
Material
Emitted Color
Intensity/Flux Typ.
OVSAQBLCR8
AlInGaP
Red-Orange
2800mcd/3300mlm
Lens Color
Water Clear
RoHS
Data is subject to change without prior notice.
1, 2, 3 CATHODE
4 ANODE
DIMENSIONS ARE IN INCHES AND [MILLIMETERS].


Similar Part No. - OVSAQBLCR8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVSAQBLCR8 TTELEC-OVSAQBLCR8 Datasheet
359Kb / 4P
Red-Orange Top-View Surface Mount LED with Domed Lens
More results

Similar Description - OVSAQBLCR8

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTSM2142B-UYO MARKTECH-MTSM2142B-UYO Datasheet
69Kb / 2P
Domed Lens SMT LED
logo
OPTEK Technologies
OVSASBLCR8 OPTEK-OVSASBLCR8 Datasheet
207Kb / 5P
Red Top-View Surface Mount LED with Domed Lens
OVSAABLCR8 OPTEK-OVSAABLCR8 Datasheet
525Kb / 4P
Amber PLCC4 Surface Mount LED with Domed Lens
logo
Everlight Electronics C...
67-21BSDRC-S530-A6-TR8 EVERLIGHT-67-21BSDRC-S530-A6-TR8 Datasheet
212Kb / 9P
Top View LED With Lens(Preliminary)
67-21BSYGC-S530-E5-TR8 EVERLIGHT-67-21BSYGC-S530-E5-TR8 Datasheet
225Kb / 9P
Top View LED With Lens
EAHP2835RA1 EVERLIGHT-EAHP2835RA1 Datasheet
288Kb / 10P
Top view Red LED
EAPL2835RA3 EVERLIGHT-EAPL2835RA3 Datasheet
492Kb / 11P
Top view Red LED
logo
TT Electronics.
OVSAABLCR8 TTELEC-OVSAABLCR8 Datasheet
369Kb / 4P
Amber PLCC4 Surface Mount LED with Domed Lens
OVSAQBLCR8 TTELEC-OVSAQBLCR8 Datasheet
359Kb / 4P
Red-Orange Top-View Surface Mount LED with Domed Lens
OVSASBLCR8 TTELEC-OVSASBLCR8 Datasheet
209Kb / 5P
Red Top-View Surface Mount LED with Domed Lens
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com