Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVSAQBLCR8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVSAQBLCR8
Description  Red-Orange Top-View Surface Mount LED with Domed Lens
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVSAQBLCR8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVSAQBLCR8 Datasheet HTML 1Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 2Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 3Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 4Page - OPTEK Technologies OVSAQBLCR8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue 1.1
0705
Page 2
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Red-Orange Top-View SMD LED with
Domed Lens
OVSAQBLCR8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Junction Temperature
110°C
Reverse Voltage
5 V
Continuous Forward Current
70 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
200 mA
Power Dissipation
225 mW
Junction/Ambient1
300°C/W
Junction/Solder Point
150°C/W
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
1800
2800
----
mcd
IF =50mA
VF
Forward Voltage
----
2.5
3.2
V
IF =50mA
IR
Reverse Current
----
----
10
µA
VR = 5V
D
Dominant Wavelength
612
618
625
nm
IF =50mA
2 ½
50% Power Angle
----
60
----
deg
IF =50mA
v
Luminous Flux
----
3300
----
mlm
IF =50mA
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
Standard Bins (IF = 50mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVSAQBLCR8 may be filled with any or all bins contained as below.
4500
3550
Y2
2800
Y1
2240
X2
1800
X1
Luminous intensity is at
X1 bin or above.
Dominant Wavelength (nm)
612
625
Note:
1.
Rth test condition: Mounted on PC board FR4 (pad size
2)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com