Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSM960 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OSM960
Description  Six Ele ment SMD Pho todiode Ar ray
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OSM960 Datasheet(HTML) 1 Page - OPTEK Technologies

  OSM960 Datasheet HTML 1Page - OPTEK Technologies OSM960 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
•Surface mountable
•Closely matched responsivity
•High temperature operation
Description
The OSM960 is a six element
photodiode array that has been
specifically designed to meet the needs
of motor encoder applications. Six
individual chips are mounted on isolated
cathode contacts to allow external
connection in any desired configuration.
The plastic, gull-wing leaded packages
are surface mountable and are
compatible with automated
manufacturing processes.
Similar to:
OPR2100
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage and Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . -55
o C to +110o C
Reverse Breakdown Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 V
Solder Temperature (Vapor Phase Reflow for 30 sec.). . . . . . . . . . . . . . . . . . . 235
o C
NOTE:
Alignment pins shown are for “P”suffix part number only.
Sensor Detail
Product Bulletin OSM960
July 1999
Six Element SMD Photodiode Array
Type OSM960, OSM960P
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
45
Dimensions are in inches
(millimeters).
PIN OUT


Similar Part No. - OSM960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OSM910 OPTEK-OSM910 Datasheet
228Kb / 2P
Position Sens ing Detector
May 1999
OSM910P OPTEK-OSM910P Datasheet
228Kb / 2P
Position Sens ing Detector
May 1999
More results

Similar Description - OSM960

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP950 OPTEK-OP950 Datasheet
717Kb / 2P
PIN Sili con Pho todiode
June 1996
OP954 OPTEK-OP954 Datasheet
701Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OP955 OPTEK-OP955 Datasheet
710Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OP993 OPTEK-OP993 Datasheet
723Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OPF792 OPTEK-OPF792 Datasheet
224Kb / 2P
Short Wave length PIN Pho todiode
June 1996
OP905 OPTEK-OP905 Datasheet
494Kb / 2P
PIN Sili con Pho todiode
Jun-1996
OPR5013L OPTEK-OPR5013L Datasheet
360Kb / 2P
SMD Multi Ele ment LED Ar ray
logo
TT Electronics.
OPR2100 TTELEC-OPR2100 Datasheet
527Kb / 2P
Six-Element SMD Photodiode Array
OPR2101 TTELEC-OPR2101 Datasheet
842Kb / 2P
Six-Element SMD Photodide Array
logo
List of Unclassifed Man...
CTAR-12 ETC-CTAR-12 Datasheet
863Kb / 2P
Konform짰 AR
Rev. J (6/21)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com