Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP200 Datasheet(PDF) 1 Page - ZKTECO CO., LTD. All rights reserved.

Part # CMP200
Description  Automatic Barrier Gate with Telescopic Boom Arm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

CMP200 Datasheet(HTML) 1 Page - ZKTECO CO., LTD. All rights reserved.

  CMP200 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. CMP200 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. CMP200 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The CMP200 series offers brand-new automatic barrier gates equipped with telescopic boom arm
that allows direction exchanging according to site application and a silvery housing with built-in LED
indicating the state of the parking barrier, providing humanized user experience.
Its appearance and structure are designed based on the feedback and needs of the market and industry.
Comparing with other barrier gates, the CMP200 series of automatic barrier gate products with telescopic
straight boom might be an economic good fit meeting demands in different parking lots.
Better experience with auxiliary traffic lights in the main body
Support anti-smash and automatic closing with an infrared detector, loop detector, radar detector
Arm direction can be exchanged between leftward and rightward according to site application
Opening and closing angle of 90° ±2°
Over voltage protection
Support LPR, UHF reader controller and other devices for recognition and other A&C functions
CMP200
Automatic Barrier Gate with
Telescopic Boom Arm
Specifications
Features
Gate Opening / Closing Time
3s (max. 4.5m), 6s (max. 6m)
Working Temperature Range
-25°C ~ +75°C
Supply Voltage
AC110V/220V, 50/60Hz
Working Humidity Range
≤90%
Power Consumption
100W (max. 120W)
Housing Dimensions (D*W*H)
350 * 280 * 1010 (mm)
Remote Controlling Distance
≤30m
Packing Dimensions (D*W*H)
420 * 405 * 1100 (mm)
Remote Controlling Frequency
430MHz
Net Weight
45kg
Cabinet Material
Cold rolled steel
Gross Weight
47kg
Boom Material
Aluminum and wood
Motor MCBF
1 million times
Boom Information
Boom Type
Telescopic boom
Straight boom with LED
Folding boom
Boom Length
4.5m(packaging length 2.8m),
6m (packaging length 3.6m)
Max 4.5m
Max 4m
Opening / Closing Time
3s(max 4.5m), 6s(max 6m)
3s
3s


Similar Part No. - CMP200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMP2010 BOURNS-CMP2010 Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-FW-1002ELF BOURNS-CMP2010-FW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-FX-1002ELF BOURNS-CMP2010-FX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-JW-1002ELF BOURNS-CMP2010-JW-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
CMP2010-JX-1002ELF BOURNS-CMP2010-JX-1002ELF Datasheet
237Kb / 7P
CMP Series High Power Anti-Surge Chip Resistors
REV. 05/26/20
More results

Similar Description - CMP200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FB-3225 ETC1-FB-3225 Datasheet
83Kb / 2P
Boom microphone
logo
Knowles Electronics
FB-23511-000 KNOWLES-FB-23511-000 Datasheet
160Kb / 2P
BOOM MICROPHONE
FB-25624-000 KNOWLES-FB-25624-000 Datasheet
148Kb / 2P
BOOM MICROPHONE
PNR-23539-000 KNOWLES-PNR-23539-000 Datasheet
157Kb / 2P
BOOM MICROPHONE
logo
List of Unclassifed Man...
S5002 ETC2-S5002 Datasheet
103Kb / 1P
Telescopic Inspection Mirror
logo
Knowles Electronics
FB-DO-23511-000 KNOWLES-FB-DO-23511-000 Datasheet
119Kb / 2P
BOOM MICROPHONE
FB-DW-30296-000 KNOWLES-FB-DW-30296-000 Datasheet
121Kb / 2P
BOOM MICROPHONE
FB-FO-25581-000 KNOWLES-FB-FO-25581-000 Datasheet
128Kb / 2P
BOOM MICROPHONE
logo
Aven, Inc.
258-209-534-ES AVEN-258-209-534-ES Datasheet
856Kb / 1P
[7x-70x] w/ Macro Lens & Double Arm Boom Stand
258-209-534 AVEN-258-209-534 Datasheet
461Kb / 2P
Auto Focus Digital Microscope W/ Macro Lens on Double Arm Boom Stand
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com