Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP200 Datasheet(PDF) 2 Page - ZKTECO CO., LTD. All rights reserved.

Part # CMP200
Description  Automatic Barrier Gate with Telescopic Boom Arm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZKTECO [ZKTECO CO., LTD. All rights reserved.]
Direct Link  https://www.zkteco.com/en/
Logo ZKTECO - ZKTECO CO., LTD. All rights reserved.

CMP200 Datasheet(HTML) 2 Page - ZKTECO CO., LTD. All rights reserved.

  CMP200 Datasheet HTML 1Page - ZKTECO CO., LTD. All rights reserved. CMP200 Datasheet HTML 2Page - ZKTECO CO., LTD. All rights reserved. CMP200 Datasheet HTML 3Page - ZKTECO CO., LTD. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Details
Key hole
Gate status LED
Antenna receiving
remote control signal
Fixed support for
the boom arm
Ventilation window
Spring connecting arm
Hall limit control board
Hall limit control board
Bearing block
Movement fixed support
Spindle connecting arm
4.5m straight boom(with LED)
Transmission spindle
Linkage arm
Hall induction magnet
12V chassis LED
power supply
Barrier gate mainboard
AC motor
Motor handwheel
Spring
Bracket
The power switch
4m folding boom
max 2.5m
2.5m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com