Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF50XXAI Datasheet(PDF) 18 Page - Texas Instruments

Part # REF50XXAI
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF50XXAI Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF50XXAI Datasheet HTML 14Page - Texas Instruments REF50XXAI Datasheet HTML 15Page - Texas Instruments REF50XXAI Datasheet HTML 16Page - Texas Instruments REF50XXAI Datasheet HTML 17Page - Texas Instruments REF50XXAI Datasheet HTML 18Page - Texas Instruments REF50XXAI Datasheet HTML 19Page - Texas Instruments REF50XXAI Datasheet HTML 20Page - Texas Instruments REF50XXAI Datasheet HTML 21Page - Texas Instruments REF50XXAI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
7 Parameter Measurement Information
7.1 Solder Heat Shift
The materials used in the manufacture of the REF50xx have differing coefficients of thermal expansion, resulting
in stress on the device die when the part is heated. Mechanical and thermal stress on the device can cause the
output voltages to shift, degrading the initial accuracy and drift specifications of the product. Reflow soldering is a
common cause of this error.
To illustrate this effect, a total of 36 devices were soldered on printed-circuit-boards using lead-free solder
paste and the paste manufacturer suggested reflow profile. The reflow profile is as shown in Figure 7-1. The
printed-circuit-board is comprised of FR4 material. The board thickness is 0.8mm and the area is 13mm ×
13mm.
The reference voltage is measured before and after the reflow process across temperature; the typical shift of
accuracy and drift is displayed in Figure 7-2 through Figure 7-9. Although all tested units exhibit very low shifts,
higher shifts are also possible depending on the size, thickness, and material of the printed-circuit-board. An
important note is that the histograms display the typical shift for exposure to a single reflow profile. Exposure to
multiple reflows, as is common on printed circuit boards (PCBs) with surface-mount components on both sides,
causes additional shifts in the output bias voltage. If the PCB is exposed to multiple reflows, then solder the
device in the last pass to minimize device exposure to thermal stress.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 7-1. Reflow Profile
0
20
40
60
80
100
-0.02
-0.01
0
0.01
0.02
Solder Heat Shift Distribution (%) - SOIC
C005
Figure 7-2. Solder Heat Shift Distribution (%), SOIC
Package
0
20
40
60
80
100
-0.02
-0.01
0
0.01
0.02
Solder Heat Shift Distribution (%) - MSOP
C004
Figure 7-3. Solder Heat Shift Distribution (%),
VSSOP Package
REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050
SBOS410L – JUNE 2007 – REVISED OCTOBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com