Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF50XXAI Datasheet(PDF) 22 Page - Texas Instruments

Part # REF50XXAI
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF50XXAI Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF50XXAI Datasheet HTML 18Page - Texas Instruments REF50XXAI Datasheet HTML 19Page - Texas Instruments REF50XXAI Datasheet HTML 20Page - Texas Instruments REF50XXAI Datasheet HTML 21Page - Texas Instruments REF50XXAI Datasheet HTML 22Page - Texas Instruments REF50XXAI Datasheet HTML 23Page - Texas Instruments REF50XXAI Datasheet HTML 24Page - Texas Instruments REF50XXAI Datasheet HTML 25Page - Texas Instruments REF50XXAI Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
8.3.3 Thermal Hysteresis
Thermal hysteresis for the REF50xx is defined as the change in output voltage after operating the device at
25°C, cycling the device through the specified temperature range, and returning to 25°C. Thermal hysteresis can
be expressed as Equation 4:
PRE
POST
6
HYST
NOM
V
V
V
10 (ppm)
V
æ
ö
-
=
×
ç
÷
ç
÷
è
ø
(4)
where
• VHYST = thermal hysteresis (in units of ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measured after the device has been cycled from 25°C through the specified
temperature range of –40°C to 125°C and returned to 25°C
8.3.4 Noise Performance
Typical 0.1Hz to 10Hz voltage noise for each member of the REF50xx family is specified in the Electrical
Characteristics table. The noise voltage increases with output voltage and operating temperature. Additional
filtering can be used to improve output noise levels, although take care to make sure the output impedance does
not degrade performance.
For additional information about how to minimize noise and maximize performance in mixed-signal applications
such as data converters, refer to the How a Voltage Reference Affects ADC Performance Part 1, How a Voltage
Reference Affects ADC Performance Part 2, and How a Voltage Reference Affects ADC Performance Part 3
analog design journals.
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
Figure 8-4. Noise Reduction Using the TRIM/NR Pin
8.3.5 Long-Term Stability
Due to aging and environmental effects, all semiconductor devices experience physical changes of the
semiconductor die and the packaging material over time. These changes and the associated package stress
on the die cause the output voltage in precision voltage references to deviate over time. The value of such
change is specified in the data sheet by a parameter called the long-term stability (also known as the long-term
drift (LTD)). Equation 5 shows how LTD is calculated. Note that the LTD value is positive if the output voltage
drifts higher over time and negative if the voltage drifts lower over time. Figure 6-23 through Figure 6-30 show
the drift of the output voltage for REF50xx over the first 4000 operating hours.
OUT
OUT
6
t 0
t n
t n
OUT t 0
(V
V
)
LTD(ppm)
10
V
u
(5)
where
• LTD(ppm)|t=n = long-term stability (in units of ppm)
• VOUT|t=0 = output voltage at time = 0 hr
REF5010, REF5020, REF5025, REF5030, REF5040, REF5045, REF5050
SBOS410L – JUNE 2007 – REVISED OCTOBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: REF5010 REF5020 REF5025 REF5030 REF5040 REF5045 REF5050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com