Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS166DYYR Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74HCS166DYYR
Description  SNx4HC166 8-Bit Parallel-Load Shift Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166DYYR Datasheet(HTML) 5 Page - Texas Instruments

  SN74HCS166DYYR Datasheet HTML 1Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5.4 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS
(1)
VCC (V)
TA = 25°C
SN54HC166
SN74HC166
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
IOH = −20 μA
2
1.9
1.998
1.9
1.9
V
4.5
4.4
4.499
4.4
4.4
6
5.9
5.999
5.9
5.9
IOH = −4 mA
4.5
3.98
4.3
3.7
3.84
IOH = −5.2 mA
6
5.48
5.8
5.2
5.34
VOL
IOL = 20 μA
2
0.002
0.1
0.1
0.1
V
4.5
0.001
0.1
0.1
0.1
6
0.001
0.1
0.1
0.1
IOL = 4 mA
4.5
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0, IO
= 0
6
8
160
80
μA
Ci
2 to 6
3
10
10
10
pF
(1)
VI = VIH or VIL, unless otherwise noted.
www.ti.com
SN54HC166, SN74HC166
SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54HC166 SN74HC166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com