Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS166DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HCS166DYYR
Description  SNx4HC166 8-Bit Parallel-Load Shift Registers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS166DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS166DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS166DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5.5 Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted)
VCC(V)
TA = 25°C
SN54HC166
SN74HC166
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
2
6
4.2
5
MHz
4.5
31
21
25
6
36
25
29
tw
Pulse duration
CLR low
2
100
150
125
ns
4.5
20
30
25
6
17
26
21
CLK high or low
2
80
120
100
4.5
16
24
20
6
14
20
17
tsu
Setup time
SH/LD high before CLK↑
2
145
220
180
ns
4.5
29
44
36
6
25
38
31
SER before CLK↑
2
80
120
100
4.5
16
24
20
6
14
20
17
CLK INH low before CLK↑
2
100
150
125
4.5
20
30
25
6
17
26
21
Data before CLK↑
2
80
120
100
4.5
16
24
20
6
14
20
17
CLR inactive before CLK↑
2
40
60
50
4.5
8
12
10
6
7
10
9
th
Hold time
SH/LD high after CLK↑
2
0
0
0
ns
4.5
0
0
0
6
0
0
0
SER after CLK↑
2
5
5
5
4.5
5
5
5
6
5
5
5
CLK INH high after CLK↑
2
0
0
0
4.5
0
0
0
6
0
0
0
Data after CLK↑
2
5
5
5
4.5
5
5
5
6
5
5
5
SN54HC166, SN74HC166
SCLS117E – DECEMBER 1982 – REVISED FEBRUARY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN54HC166 SN74HC166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com