Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA85CW8 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 16Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 17Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 18Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 19Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 20Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 21Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 22Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 23Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 68 page
background image
6 Synchronous operating modes
M69KB128AA
20/68
6.3.1
Variable Latency
In Variable Latency mode, the latency programmed in the BCR is not guaranteed and is
maintained only if there is no conflict with a refresh operation.
The Latency set in the BCR is applicable only for an initial burst read access, when no refresh
request is pending. For a given latency value, the Variable Latency mode allows higher
operating frequencies than the Fixed Latency mode (see Table 4: Operating Frequency versus
Latency and Figure 3: Latency Configuration (Variable Latency mode, no Refresh collision)).
Burst Write operations are always performed at fixed latency, even if BCR14 is configured to
Variable Latency (see Section 6.3.2: Fixed Latency).
Monitoring of the WAIT signal is recommended for reliable operation in this mode.
See Figure 24. and Figure 31 for details on Synchronous Burst Read and Write AC waveforms
in Variable Latency mode.
6.3.2
Fixed Latency
The latency programmed in the BCR is the real latency. The number of clock cycles is
calculated by taking into account the time necessary for a refresh operation and the time
necessary for an initial Burst access. This limits the operating frequency for a given latency
value (see Table 4: Operating Frequency versus Latency and Figure 4: Latency Configuration
(Fixed Latency mode)).
It is recommended to use the Fixed Latency mode if the microcontroller cannot monitor the
WAIT signal.
6.3.3
Row Boundary crossing
The M69KB128AA features 128-Word rows. Row boundary crossings between adjacent rows
may occur during Burst Read and Write operations. Row boundary crossings are not handled
automatically by the PSRAM.
The microcontroller must stop the Burst operation at the row boundary and restart it at the
beginning of the next row. Burst operations must be stopped by driving the Chip Enable signal,
E, High, after the WAIT signal falling edge. E must transition:
●
Before the third Clock cycle after the WAIT signal goes Low if BCR[8] = 0
●
Before the fourth Clock cycle after WAIT signal goes Low if BCR[8] = 1.
Refer to Figure 26 and Figure 30 for details on how to manage row boundary crossings during
burst operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com