Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69KB128AA85CW8 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 35Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 36Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 37Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 38Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 39Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 40Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 41Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 42Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
M69KB128AA
9 DC and AC parameters
39/68
9
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 14: Operating and AC Measurement Conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 14.
Operating and AC Measurement Conditions
Figure 11. AC Measurement I/O Waveform
1.
Logic states ‘1’ and ‘0’ correspond to AC test inputs driven at VCCQ and VSS respectively. Input timings begin at
VCCQ/2 and output timings end at VCCQ/2.
Figure 12. AC Input Transitions
Parameter(1)
1.
All voltages are referenced to VSS.
M69KB128AA
Unit
Min
Max
VCC Supply Voltage
1.7
1.95
V
VCCQ Input/Output Buffer Supply Voltage
1.7
1.95
V
Load Capacitance (CL)
30
pF
Output Circuit Protection Resistance (R)
50
Ω
Input Pulse Voltages(2)
2.
VCC=VCCQ
0
VCC
V
Input and Output Timing Ref. Voltages(2)
VCC/2
V
Input Rise Time tr and Fall Time tf
(2)(3)
3.
Referenced to VSS.
1V/ns
AI09484c
VCCQ
I/O Timing Reference Voltage
VSSQ
VCCQ/2
90%
10%
90%
10%
VCCTyp
VSS
tr
tf
ai10122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com