Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3684A Datasheet(PDF) 6 Page - STMicroelectronics

Part # STG3684A
Description  Low voltage 0.5 Ω max dual SPDT switch with break-before-make
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3684A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STG3684A Datasheet HTML 2Page - STMicroelectronics STG3684A Datasheet HTML 3Page - STMicroelectronics STG3684A Datasheet HTML 4Page - STMicroelectronics STG3684A Datasheet HTML 5Page - STMicroelectronics STG3684A Datasheet HTML 6Page - STMicroelectronics STG3684A Datasheet HTML 7Page - STMicroelectronics STG3684A Datasheet HTML 8Page - STMicroelectronics STG3684A Datasheet HTML 9Page - STMicroelectronics STG3684A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Pin settings
STG3684A
6/28
1.2
Pin description
Note:
Exposed pad must be soldered to a floating plane. Do NOT connect to power or ground.
Table 2.
Pin description
Pin number
Symbol
Name and function
QFN10L
DFN10L
1
5
1S2
Independent channel
2
3
1S1
Independent channel
31
VCC
Positive voltage supply
4
7
2IN
Control
5
9
D2
Common channel
6
10
2S2
Independent channel
7
8
2S1
Independent channel
8
6
GND
Ground (0V)
9
2
1IN
Control
10
4
D1
Common channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com