Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 55Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 56Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 57Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 58Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 59Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 60Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 61Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 62Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 184 page
background image
ST10F269
12 - PARALLEL PORTS
59/184
12.2 - I/O’s Special Features
12.2.1 - Open Drain Mode
Some of the I/O ports of ST10F269 support the
open drain capability. This programmable feature
may be used with an external pull-up resistor, in
order to get an AND wired logical function.
This feature is implemented for ports P2, P3, P4,
P6, P7 and P8 (see respective sections), and is
controlled through the respective Open Drain
Control Registers ODPx. These registers allow
the individual bit-wise selection of the open drain
mode for each port line. If the respective control
bit ODPx.y is ‘0’ (default after reset), the output
driver is in the push-pull mode. If ODPx.y is ‘1’, the
open drain configuration is selected. Note that all
ODPx registers are located in the ESFR space
(See Figure 19).
12.2.2 - Input Threshold Control
The standard inputs of the ST10F269 determine
the status of input signals according to TTL levels.
In order to accept and recognize noisy signals,
CMOS-like input thresholds can be selected
instead of the standard TTL thresholds for all pins
of Port 2, Port 3, Port 4, Port 7 and Port 8. These
special thresholds are defined above the TTL
thresholds and feature a defined hysteresis to
prevent
the
inputs
from toggling
while
the
respective input signal level is near the thresholds.
The Port Input Control register PICON is used to
select these thresholds for each Byte of the
indicated ports, this means the 8-bit ports P4, P7
and P8 are controlled by one bit each while ports
P2 and P3 are controlled by two bits each.
All options for individual direction and output mode
control are available for each pin, independent of
the selected input threshold. The input hysteresis
provides stable inputs from noisy or slowly
changing external signals (See Figure 20).
PICON (F1C4h / E2h)
ESFR
Reset Value: --00h
15
14
13
12
11
10
9876543210
--------
P8LIN P7LIN
-
P4LIN P3HIN P3LIN P2HIN P2LIN
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PxLIN
Port x Low Byte Input Level Selection
0:
Pins Px.7...Px.0 switch on standard TTL input levels
1:
Pins Px.7...Px.0 switch on special threshold input levels
PxHIN
Port x High Byte Input Level Selection
0:
Pins Px.15...Px.8 switch on standard TTL input levels
1:
Pins Px.15...Px.8 switch on special threshold input levels
Figure 19 : Output Drivers in Push-pull Mode and in Open Drain Mode
Pin
Q
Push-Pull Output Driver
Q
Open Drain Output Driver
External
Pullup
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com