Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 36Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 37Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 38Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 39Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 40Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 41Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 42Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 43Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 184 page
background image
6 - CENTRAL PROCESSING UNIT (CPU)
ST10F269
40/184
Mnemonic
Addressing Modes
Repeatability
CoMUL
Rwn, Rwm
[IDXi⊗], [Rwm⊗]
Rwn, [Rwm⊗]
No
No
No
CoMULu
CoMULus
CoMULsu
CoMUL-
CoMULu-
CoMULus-
CoMULsu-
CoMUL, rnd
CoMULu, rnd
CoMULus, rnd
CoMULsu, rnd
CoMAC
Rwn, Rwm
[IDXi⊗], [Rwm⊗]
Rwn, [Rwm⊗]
No
Yes
Yes
CoMACu
CoMACus
CoMACsu
CoMAC-
CoMACu-
CoMACus-
CoMACsu-
CoMAC, rnd
CoMACu, rnd
CoMACus, rnd
CoMACsu, rnd
CoMACR
CoMACRu
CoMACRus
Rwn, Rwm
[IDXi⊗], [Rwn⊗]
Rwn, [RWm⊗]
No
No
No
CoMACRsu
CoMACR, rnd
CoMACRu, rnd
CoMACRus, rnd
CoMACRsu, rnd
CoNOP
[Rwm⊗]
Yes
[IDXi⊗]
Yes
[IDXi⊗], [Rwm⊗]
Yes
CoNEG
-No
CoNEG, rnd
CoRND
CoSTORE
Rwn, CoReg
No
[Rwn⊗], Coreg
Yes
CoMOV
[IDXi⊗], [Rwm⊗]
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com