Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 113Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 114Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 115Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 116Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 117Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 118Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 119Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 120Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 184 page
background image
ST10F269
18 - SYSTEM RESET
117/184
maximum of 1038 TCL (4 TCL + 10 TCL + 1024
TCL). The system configuration is latched from
PORT0 after a duration of 8 TCL / 4 CPU clocks (6
TCL / 3 CPU clocks if PLL is bypassed) and in
case of external fetch, ALE, RD and R/W pins are
driven to their inactive level. Program execution
starts from memory location 00'0000h in code
segment 0. This starting location will typically
point to the general initialization routine. Timings
of synchronous reset sequence are summarized
in Figure 57. Refer to Table 38 for PORT0 latched
configuration.
Note
- If the RSTIN pin level is sampled low, the
reset sequence is extended until RSTIN
level becomes high leading to a long
hardware
reset
(synchronous
or
asynchronous
reset)
because
RSTIN
signal duration has lasted longer than
1040TCL.
- If the VRPD voltage has dropped below
the RPD pin threshold, the reset is
processed as an asynchronous reset.
Figure 57 : Synchronous Warm Reset Sequence External Fetch (4 TCL < RSTIN pulse < 1038 TCL)
Note
1) RSTIN assertion can be released there.
2) Maximum internal synchronization is 6 CPU cycles (12
TCL).
3) RSTIN pin is pulled low if bit BDRSTEN (bit 3 of SYSCON register) was previously set by software. Bit BDRSTEN is cleared after
reset.
4) RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
5) If during the reset condition (RSTIN low), VRPD voltage drops below the threshold voltage (typically 2.5V for 5V operation), the
ST10 reset circuitry disables the bidirectional reset function and RSTIN pin is no more pulled low.
18.3 - Software Reset
The reset sequence can be triggered at any time
using the protected instruction SRST (software
reset).
This
instruction
can
be
executed
deliberately within a program, for example to leave
bootstrap loader mode, or upon a hardware trap
that reveals a system failure.
Upon execution of the SRST instruction, the
internal reset sequence (1024 TCL) is started.
The microcontroller behavior is the same as for a
short
hardware
reset,
except
that
only
P0.12...P0.6 bits are latched at the end of the
reset sequence, while previously latched values of
P0.5...P0.2 are cleared.
18.4 - Watchdog Timer Reset
When the watchdog timer is not disabled during
the initialization or when it is not regularly serviced
during program execution it will overflow and it will
trigger the reset sequence.
Unlike
hardware
and
software
resets,
the
watchdog reset completes a running external bus
cycle if this bus cycle either does not use READY,
or if READY is sampled active (low) after the
CPU Clock
RSTIN
RPD
RSTOUT
ALE
PORT0
1st Instr.
Latching point of PORT0
for system start-up configuration
6 or 8 TCL4)
4 TCL 10 TCL 2)
min.
min.
1024 TCL
1)
Reset Configuration
If VRPD > 2.5V Asynchronous
200
µA Discharge
5)
RD
4
3
2
1
5
6789
Reset is not entered.
Internal reset signal
Internally pulled low
3)
5 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com