Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 127Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 128Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 129Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 130Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 131Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 132Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 133Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 134Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 184 page
background image
ST10F269
20 - SPECIAL FUNCTION REGISTER OVERVIEW
131/184
20.1 - Identification Registers
The ST10F269 has four Identification registers,
mapped in ESFR space. These registers contain:
– A manufacturer identifier,
– A chip identifier, with its revision,
– A internal memory and size identifier and pro-
gramming voltage description.
Note: 256K and 128K versions of ST10F269 have
the same IDMEM corresponding to 256K.
Both versions are based on the same device with
the only difference that the two upper banks of
Flash are not tested on 128K versions. Therefore,
there is no way to detect by software if a device is
a 128K version or a 256K version.
IDMANUF (F07Eh / 3Fh) 1
ESFR
Reset Value: 0401h
IDCHIP (F07Ch / 3Eh) 1
ESFR
Reset Value: 10DXh
IDMEM (F07Ah / 3Dh) 1
ESFR
Reset Value: 3040h
IDPROG (F078h / 3Ch) 1
ESFR
Reset Value: 0040h
Note : 1. All identification words are read only registers.
15
14
13
12
11
10
9876543210
MANUF
00001
R
MANUF
Manufacturer Identifier - 020h: STMicroelectronics Manufacturer (JTAG worldwide
normalization).
15
14
13
12
11
10
9876543210
CHIPID
REVID
RR
REVID
Device Revision Identifier
CHIPID
Device Identifier - 10Dh: ST10F269 identifier.
15
14
13
12
11
10
987654
3210
MEMTYP
MEMSIZE
RR
MEMSIZE
Internal Memory Size is calculated using the following formula:
Size = 4 x [MEMSIZE] (in K Byte) - 040h for ST10F269 (256K Byte)
MEMTYP
Internal Memory Type - 3h for ST10F269 (Flash memory).
15
14
13
12
11
10
9876543210
PROGVPP
PROGVDD
RR
PROGVDD
Programming VDD Voltage
VDD voltage when programming EPROM or FLASH devices is calculated using the
following formula: VDD = 20 x [PROGVDD] / 256 (volts) - 40h for ST10F269 (5V).
PROGVPP
Programming VPP Voltage (no need of external VPP) - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com