Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 150Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 151Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 152Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 153Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 154Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 155Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 156Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 157Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 184 page
background image
ST10F269
154/184
t9
CC
ALE falling edge to RD, WR (no
RW-delay)
-10 + tA
–-10 + tA
–ns
t10
CC
Address float after RD, WR
(with RW-delay)
1
–6
–
6
ns
t11
CC
Address float after RD, WR
(no RW-delay)
1
–
21.625
–
TCL + 6
ns
t12
CC
RD, WR low time
(with RW-delay)
21.25 + tC
–
2TCL - 10 + tC
–ns
t13
CC
RD, WR low time
(no RW-delay)
36.875 + tC
–
3TCL - 10 + tC
–ns
t14
SR
RD to valid data in
(with RW-delay)
–
11.25 + tC
–
2TCL - 20+ tC
ns
t15
SR
RD to valid data in
(no RW-delay)
–
26.875 + tC
–
3TCL - 20+ tC
ns
t16
SR
ALE low to valid data in
–
26.875 + tA + tC
–
3TCL - 20
+ tA + tC
ns
t17
SR
Address/Unlatched CS to valid
data in
–
32.5 + 2tA + tC
–
4TCL - 30
+ 2tA + tC
ns
t18
SR
Data hold after RD
rising edge
0–
0
–
ns
t19
SR
Data float after RD
1
–
17.25 + tF
–
2TCL - 14 + tF
ns
t22
CC
Data valid to WR
11.25 + tC
–
2TCL - 20 + tC
–ns
t23
CC
Data hold after WR
17.25 + tF
–
2TCL - 14 + tF
–ns
t25
CC
ALE rising edge after RD, WR
17.25 + tF
–
2TCL - 14 + tF
–ns
t27
CC
Address/Unlatched CS hold
after RD, WR
17.25 + tF
–
2TCL - 14 + tF
–ns
t38
CC
ALE falling edge to Latched CS
-4 - tA
10 - tA
-4 - tA
10 - tA
ns
t39
SR
Latched CS low to Valid Data In
–
26.875 + tC + 2tA
–
3TCL - 20
+ tC + 2tA
ns
t40
CC
Latched CS hold after RD, WR
32.875 + tF
–
3TCL - 14 + tF
–ns
t42
CC
ALE fall. edge to RdCS, WrCS
(with RW delay)
11.625 + tA
–TCL - 4 + tA
–ns
t43
CC
ALE fall. edge to RdCS, WrCS
(no RW delay)
-4 + tA
–-4 + tA
–ns
Symbol
Parameter
Maximum CPU Clock =
32MHz
Variable CPU Clock
1/2 TCL = 1 to 32MHz
Minimum
Maximum
Minimum
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com