Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2T6 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST10F269Z2T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2T6 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST10F269Z2T6 Datasheet HTML 170Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 171Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 172Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 173Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 174Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 175Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 176Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 177Page - STMicroelectronics ST10F269Z2T6 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 184 page
background image
ST10F269
174/184
21.4.14 - High-Speed Synchronous Serial Interface (SSC) Timing
21.4.14.1 Master Mode
VCC = 5V ±10%, VSS = 0V, CPU clock = 40MHz, TA = -40 to +125°C, CL = 50pF (PQFP144 devices)
Note: 1. Timing guaranteed by design.
The formula for SSC Clock Cycle time is: t300 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned 16-bit integer.
VCC = 5V ±10%, VSS = 0V, CPU clock = 32MHz, TA = -40 to +125°C, CL = 50pF (TQFP144 devices)
Symbol
Parameter
Maximum Baud rate = 10M Baud
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh)
Unit
Minimum
Maximum
Minimum
Maximum
t300
CC SSC clock cycle time
100
100
8 TCL
262144 TCL
ns
t301
CC SSC clock high time
40
–
t300/2 - 10
–ns
t302
CC SSC clock low time
40
–
t300/2 - 10
–ns
t303
CC SSC clock rise time
–
10
–
10
ns
t304
CC SSC clock fall time
–
10
–
10
ns
t305
CC Write data valid after shift edge
–
15
–
15
ns
t306
CC Write data hold after shift edge 1
-2
–
-2
–
ns
t307p SR Read data setup time before
latch edge, phase error
detection on (SSCPEN = 1)
37.5
–
2TCL+12.5
–
ns
t308p SR Read data hold time after latch
edge, phase error detection on
(SSCPEN = 1)
50
–
4TCL
–
ns
t307
SR Read data setup time before
latch edge, phase error
detection off (SSCPEN = 0)
25
–
2TCL
–
ns
t308
SR Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
0–
0
–
ns
Symbol
Parameter
Maximum Baud rate=6.25MBd
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-FFFFh) Symb
ol
Minimum
Maximum
Minimum
Maximum
t310 SR SSC clock cycle time
125
–
8 TCL
262144 TCL
t310
t311 SR SSC clock high time
52.5
–
t310/2 - 10
–
t311
t312 SR SSC clock low time
52.5
–
t310/2 - 10
–
t312
t313 SR SSC clock rise time
–
10
–
10
t313
t314 SR SSC clock fall time
–
10
–
10
t314
t315 CC Write data valid after shift edge
–
45.25
–
2 TCL + 14
t315
t316 CC Write data hold after shift edge
0
–
0
–
t316
t317p SR Read data setup time before latch edge,
phase error detection on (SSCPEN = 1)
78.125
–
4TCL +
15.625
–
t317p
t318p
1
SR Read data hold time after latch edge,
phase error detection on (SSCPEN = 1)
109.375
–
6TCL +
15.625
–
t318p
1
t317 SR Read data setup time before latch edge,
phase error detection off (SSCPEN = 0)
6–
6
–
t317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com