Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564330000 Datasheet(PDF) 2 Page - Weidmuller

Part # 8564330000
Description  Standard distributor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8564330000 Datasheet(HTML) 2 Page - Weidmuller

  8564330000 Datasheet HTML 1Page - Weidmuller 8564330000 Datasheet HTML 2Page - Weidmuller 8564330000 Datasheet HTML 3Page - Weidmuller 8564330000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data sheet
 
FBCON DP M12 TERM 24V
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 12, 2024 3:43:23 AM CET
 
Catalogue status 09.11.2024 / We reserve the right to make technical changes.
2
Dimensions and weights
 
Height
34 mm
  Height (inches)
1.339 inch
Width
64 mm
  Width (inches)
2.52 inch
Length
58 mm
  Length (inches)
2.283 inch
Net weight
255 g
   
 
Temperatures
 
Storage temperature
-25 °C...75 °C
  Ambient temperature
-25 °C...75 °C
Operating temperature
-25 °C...75 °C
   
 
Probability of failure
 
SIL in compliance with IEC 61508
None
   
 
Connection data
 
Clamping range, min.
0.5 mm²
  Clamping range, max.
1.5 mm²
 
Technical data
 
Bus system
Profibus-DP, Modbus
RS485
  Cable entry
Brass cable gland, Branch
line M12
Connection type PE
M12 spur line
  Design of housing
With pressure compensa-
tion element
Housing main material
Aluminium
  Housing surface
stove enamelled
Operating voltage
18…30 V DC
  Operating voltage Umax, max.
30 V DC
Pollution severity
3
  Protection degree
IP66, IP67
Type of mounting
surface-mounted
   
 
Classifications
 
ETIM 6.0
EC001604
  ETIM 7.0
EC001604
ETIM 8.0
EC001604
  ETIM 9.0
EC001604
ECLASS 9.0
27-24-26-08
  ECLASS 9.1
27-24-26-08
ECLASS 10.0
27-24-26-08
  ECLASS 11.0
27-24-26-08
ECLASS 12.0
27-44-01-11
  ECLASS 13.0
27-44-01-11
ECLASS 14.0
27-44-01-11
   
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant with exemption
RoHS Exemption (if applicable/known)
6bI, 6c, 7a, 7cI
REACH SVHC
Lead 7439-92-1
SCIP
3a5f5913-76fc-4ff5-8563-4463f80bbe02
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com