Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8564330000 Datasheet(PDF) 1 Page - Weidmuller

Part # 8564330000
Description  Standard distributor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

8564330000 Datasheet(HTML) 1 Page - Weidmuller

  8564330000 Datasheet HTML 1Page - Weidmuller 8564330000 Datasheet HTML 2Page - Weidmuller 8564330000 Datasheet HTML 3Page - Weidmuller 8564330000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data sheet
 
 
Creation date November 12, 2024 3:43:23 AM CET
 
Catalogue status 09.11.2024 / We reserve the right to make technical changes.
1
FBCON DP M12 TERM 24V
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
 
For Profibus DP and Modbus RS485, FBCon standard T-
distributors and terminators connect individual field de-
vices or remote I/O to the bus cable.
Their EMC cable glands, protection class IP66 and a wide
operating temperature range safely protect your connec-
tions in harsh environments.
Functionality
• EMC cable glands for trunk and spurs
• M12 connector for spurs
• External earthing stud
• Pressure equalizing element
• Protection class IP66
• Aluminium and stainless-steel versions
• Profibus DP / Modbus RS485 compatible
Note: The use of FBCon products with aluminum enclo-
sures and / or M12 connectors is not recommended in
strongly saline environments.
General ordering data
 
Version
Standard distributor, IP66, IP67
Order No.
8564330000
Type
FBCON DP M12 TERM 24V
GTIN (EAN)
4032248404681
Qty.
1 pc(s).
 


Similar Part No. - 8564330000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
8564320000 WEIDMULLER-8564320000 Datasheet
106Kb / 4P
Standard distributor with bus termination (active)
8564340000 WEIDMULLER-8564340000 Datasheet
97Kb / 4P
Standard distributor
8564350000 WEIDMULLER-8564350000 Datasheet
95Kb / 4P
Standard distributor without bus termination
More results

Similar Description - 8564330000

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
79SERIES MALLORY-79SERIES Datasheet
59Kb / 2P
REPLACEMENT DISTRIBUTOR
1214M MALLORY-1214M Datasheet
193Kb / 12P
DISTRIBUTOR
logo
Fuji Electric
EDS9-48A FUJI-EDS9-48A Datasheet
48Kb / 2P
OPTICAL DISTRIBUTOR
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
DISTRIBUTOR
logo
Mallory performance clu...
3756701 MALLORY-3756701 Datasheet
577Kb / 4P
UNILITE DISTRIBUTOR
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
Distributor
6849 FESTO-6849 Datasheet
72Kb / 1P
Distributor endpiece
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com