Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5961ACCZ-R7
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5961ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Data Sheet
ADL5961
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 12 of 34
Figure 20. Voltage Conversion Gain vs. IF Frequency for Various Gain
Settings (FGAIN and RGAIN)
Figure 21. Voltage Conversion Gain vs. RF Frequency at Various
Temperatures, LOMODE = 0, OFMODE = 2
Figure 22. Voltage Conversion Gain vs. IF Frequency and CIF1 Setting,
CIF2 = 0, BYPASS = 1, RF = 2 GHz
Figure 23. Differential IF Output, Noise Voltage Spectral Density vs.
IF Frequency for Various Gain Settings (FGAIN and RGAIN),
BYPASS = 1, CIF1 = CIF2 = 0
Figure 24. OFx to IF Leakage vs. RF Frequency for Various Temperatures,
LOMODE = 0, OFMODE = 2, Solid Lines: Forward Channel, and Dashed
Lines: Reverse Channel
Figure 25. Voltage Conversion Gain vs. IF Frequency for Various
CIF2 Settings, CIF1 = 0 , BYPASS = 1, RF = 2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com