Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5961ACCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5961ACCZ-R7
Description  9 kHz to 26.5 GHz Integrated Vector Network Analyzer Front End
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5961ACCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5961ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADL5961ACCZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet
ADL5961
THEORY OF OPERATION
analog.com
Rev. 0 | 18 of 34
The ADL5961 is designed to enable broadband multiport network
analyzer solutions in a small footprint.
The ADL5961 is built around an integrated broadband bidirectional
resistive bridge and coupled to broadband, dual downconversion
mixers. The differential IF outputs of the mixers are passed through
low-pass filters (LPFs) with SPI-programmable bandwidth and IF
amplifiers with individually SPI-programmable gain.
The LO interface to the mixers supports multiple SPI-programmable
configurations and is designed to simplify the frequency plan in a
VNA application. The LO interface contains frequency multipliers
and dividers that enable a wider frequency range of operation than
supported by the LO signal source itself. A second input to the LO
interface, the offset interface formed by the OFP and OFM pins,
enables a zero-offset operating mode with a simplified frequency
plan. In this mode, only a single swept high-frequency signal source
is needed, driving both the RF and LO interfaces of the ADL5961.
The signal supplied to the OF interface controls the frequency of
the IF output signal because it mixes with the LO signal supplied
to the LOP and LOM interface before driving the downconversion
mixers.
Multiple ADL5961 devices can be phase synchronized and oper-
ated simultaneously, which enables the construction of small foot-
print, multiport network analyzers using one ADL5961 device per
network analyzer port.
BASIC ONE-PORT VNA
A one-port VNA, or reflectometer, can be used to measure the
magnitude and phase of the reflection coefficient of an unknown
load vs. frequency.
Figure 52 shows the basic configuration of a one-port VNA based
on the ADL5961. The RFIN interface of the ADL5961 connects to
the RF signal source (typically continuous wave), while the RFOUT
interface connects to the unknown load, the device under test
(DUT). Because the ADL5961 is completely symmetric, the RF
source can also be connected to RFOUT and the load to RFIN. The
RF source injects an incident RF signal into the directional bridge
of the ADL5961, traveling from the source to the load. At the load,
part of this incident power wave is reflected and travels back to the
source, while the other part is absorbed by the load. The reflection
coefficient to be measured (both magnitude and phase) equals the
ratio of the reflected power to the incident power at the load. For
proper operation of the bidirectional bridge, it is important that the
RF signal source has a 50 Ω characteristic impedance. The LO
interface can either be driven by a 50 Ω single-ended source or a
100 Ω differential source.
The directional bridge on the ADL5961 supplies a fraction of the in-
cident signal to the input of the forward IF channel, and, likewise, a
fraction of the reflected signal to the input of the reverse IF channel.
Both these IF signals are downconverted, filtered, amplified, and
made available at the differential IF channel output interfaces, IFFx
(with the IFFP and IFFM terminals) and IFRx (with the IFRP and
IFRM terminals), respectively.
After analog-to-digital conversion, the IF output signals representing
the incident and reflected waves are digitally quadrature (complex)
downconverted, filtered, and decimated. Their ratio (reflected and
forward) is then calculated to obtain the (complex) reflection coeffi-
cient.
Figure 52. ADL5961 Used as One-Port VNA (Reflectometer)
FREQUENCY PLANNING—LO
CONFIGURATIONS
The LO interface of the ADL5961 supports several different configu-
rations, some of which significantly simplify the VNA configuration
in exchange for slightly degraded accuracy.
The bypass mode, selected by setting Bit 4 in Register 0x20, is
the most basic and highest performance mode of operation of the
ADL5961. In this mode, the LO signal supplied to the LO interface
(that is, the LOP and LOM pins) directly drives the downconversion
mixers, bypassing the frequency multipliers, dividers, and offset
mixer. To maintain a fixed IF output frequency, the LO signal must
maintain a fixed frequency offset relative to the RF signal across
the entire frequency sweep.
fLO=fRF±fIF
(1)
The plus sign corresponds to high-side injection, and the minus
sign corresponds to low-side injection. High-side injection often
results in slightly improved dynamic range because more of the
mixing products calculate out at higher frequencies than the de-
sired IF signal and can be suppressed by low-pass filtering. The
ADL5961 supports IF frequencies up to 100 MHz. For high dynamic
range, analog-to-digital conversion, an IF frequency of a few MHz
is often preferable; however, an IF of 2 MHz to 3 MHz creates
challenges for the signal sources, requiring an accurate, small



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com