Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002AUJZ1.8-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL44002AUJZ1.8-R7
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002AUJZ1.8-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL44002AUJZ1.8-R7 Datasheet HTML 9Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 10Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 11Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 12Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
13 of 23
THEORY OF OPERATION
The ADPL44002 is a low quiescent current, LDO linear regulator that operates from 2.7V to 40V and provides up to
200mA of output current. Drawing a low 240μA of quiescent current (typical) at full load makes the ADPL44002 ideal
for portable equipment. Typical shutdown current consumption is less than 3μA at room temperature.
Optimized for use with small 2.2µF ceramic capacitors, the ADPL44002 provides excellent transient performance.
Internally, the ADPL44002 consists of a reference, an error amplifier, and a PMOS pass transistor. Output current is
delivered via the PMOS pass device, which is controlled by the error amplifier. The error amplifier compares the
reference voltage with the feedback voltage from the output and amplifies the difference. If the feedback voltage is
lower than the reference voltage, the gate of the PMOS device is pulled lower, allowing more current to pass and
increasing the output voltage. If the feedback voltage is higher than the reference voltage, the gate of the PMOS
device is pulled higher, allowing less current to pass and decreasing the output voltage.
The ADPL44002 is available in four fixed output voltage options, ranging from 1.8V to 5.0V. The ADPL44002
architecture allows any fixed output voltage to be set to a higher voltage with an external voltage divider. For
example, a fixed 5V output can be set to a 6V output according to the following equation:
������������������������ = 5������ (1 +
������1
������2
)
(3)
where R1 and R2 are the resistors in the output voltage divider shown in Figure 26.
To set the output voltage of the adjustable ADPL44002, replace 5V in Equation 3 with 1.2V.
Figure 26. Typical Adjustable Output Voltage Application Schematic
It is recommended that the R2 value be less than 200kΩ to minimize errors in the output voltage caused by the
SENSE/ADJ pin input current. For example, when R1 and R2 each equal 200kΩ and the default output voltage is 1.2V,
the adjusted output voltage is 2.4V. The output voltage error introduced by the SENSE/ADJ pin input current is 1mV
or 0.04%, assuming a typical SENSE/ADJ pin input current of 10nA at 25°C.
The ADPL44002 uses the EN pin to enable and disable the VOUT pin under normal operating conditions. When EN is
high, VOUT turns on, and when EN is low, VOUT turns off. For automatic startup, EN can be tied to VIN.
VOUT
SENSE/ADJ
VIN
ADPL44002
GND
SS
CSS
1nF
CIN
2.2µF
COUT
2.2µF
EN
OFF
ON
VIN = 7V
VOUT = 6V
R1
2kΩ
R2
10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com