Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL44002AUJZ1.8-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADPL44002AUJZ1.8-R7
Description  40V, 200mA, Low Noise, CMOS LDO Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL44002AUJZ1.8-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPL44002AUJZ1.8-R7 Datasheet HTML 10Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 11Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 12Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 13Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 14Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 15Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 16Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 17Page - Analog Devices ADPL44002AUJZ1.8-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
ADPL44002
analog.com
Rev. 0
14 of 23
APPLICATIONS INFORMATION
Design Tools
The ADPL44002 is supported by the LTpowerCAD® and LTspice® design tools to produce complete power designs and
simulations. For more information on design tools, visit the ADPL44002 product page, www.analog.com/adpl44002.
Capacitor Selection
Output Capacitor
The ADPL44002 is designed for operation with small, space-saving ceramic capacitors, but functions with general-
purpose capacitors as long as care is taken with regard to the effective series resistance (ESR) value. The ESR of the
output capacitor affects the stability of the LDO control loop. A minimum of 2.2µF capacitance with an ESR of 0.3Ω
or less is recommended to ensure the stability of the ADPL44002. The transient response to changes in load current
is also affected by output capacitance. Using a larger value of output capacitance improves the transient response
of the ADPl44002 to large changes in load current. Figure 27 shows the transient responses for an output capacitance
value of 2.2µF.
Figure 27. Output Transient Response, VOUT = 5V, COUT = 2.2µF, CH1 Load Current, CH2 VOUT
Input Bypass Capacitor
Connecting a 2.2µF capacitor from VIN to GND reduces the circuit sensitivity to the PCB layout, especially when long
input traces or high source impedance are encountered. If greater than 2.2µF of output capacitance is required,
increase the input capacitor to match it.
Programmable Precision Enable
The ADPL44002 uses the EN pin to enable and disable the VOUT pin under normal operating conditions. As shown in
Figure 28, when a rising voltage on EN crosses the upper threshold, nominally 1.2V, VOUT turns on. When a falling
voltage on EN crosses the lower threshold, nominally 1.1V, VOUT turns off. The hysteresis of the EN threshold is
approximately 100mV.
CH1 200mA Ω BW
M20µs
A CH1
100mA
T 10.2%
1
2
CH2 20mV
B
W
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com