Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX9331EVKA Datasheet(PDF) 39 Page - Semtech Corporation

Part # SX9331EVKA
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331EVKA Datasheet(HTML) 39 Page - Semtech Corporation

Back Button SX9331EVKA Datasheet HTML 35Page - Semtech Corporation SX9331EVKA Datasheet HTML 36Page - Semtech Corporation SX9331EVKA Datasheet HTML 37Page - Semtech Corporation SX9331EVKA Datasheet HTML 38Page - Semtech Corporation SX9331EVKA Datasheet HTML 39Page - Semtech Corporation SX9331EVKA Datasheet HTML 40Page - Semtech Corporation SX9331EVKA Datasheet HTML 41Page - Semtech Corporation SX9331EVKA Datasheet HTML 42Page - Semtech Corporation SX9331EVKA Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
39 of 48
Rev. 2
Proprietary & Confidential
Semtech
STEADYDEB_PH0
11:8 RW
b0000
Defines the number of consecutive and successful
STEADYWINDOW_PH0s required to set
STEADYSTAT_PH0:
b0000: 1
b0001: 2
b0010: 3
b0011: 7
b0100: 11
b0101: 15
b0110: 23
b0111: 31
b1000: 39
b1001: 55
b1010: 71
b1011: 87
b1100: 119
b1101: 151
b1110: 183
b1111: 247
Reserved
7:6
b00
SATDEB_PH0
5:4
RW
b00
Defines the debouncer applied to set the saturation
detection flag for phase 0:
b00: Off
b01: 2 samples
b10: 4 samples
b11: 8 samples
SATCANCELEN_PH0
3:2
RW
b00
Enables saturation detection/compensation for phase
0:
b00: Off
b10: Detection only
b11: Detection and compensation
Else: Reserved
SATTHRESH_PH0
1:0
RW
b00
Defines the saturation threshold for phase 0:
b00: 640000
b01: 768000
b10: 896000
b11: 1024000
806C RegAdvDig3Ph0
REFCOEFINCA_PH0
31:24 RW
h00
Defines the increase coefficient of engine A for
phase 0:
h00: 0
h01: 0.03125
h02: 0.0625
…
h20: 1
…
hFF: 7.96875
Coded on 8 bits as XXX.YYYYY.
REFCOEFINCB_PH0
23:16 RW
h00
Same as REFCOEFINCA_PH0 for engine B.
REFCOEFDECA_PH0
15:8 RW
h00
Defines the decrease coefficient of engine A for
phase 0:
h00: 0
h01: 0.03125
h02: 0.0625
…
h20: 1
…
hFF: 7.96875
Coded on 8 bits as XXX.YYYYY.
REFCOEFDECB_PH0
7:0
RW
h00
Same as REFCOEFDECA_PH0 for engine B.
8070 RegAdvDig4Ph0
Reserved
31:22
h000
REFCOEFSIGN_PH0
21:18 RW
b0000
Defines the signs of the coefficients for phase 0:
[3:0]=[REFCOEFDECB_PH0, REFCOEFDECA_PH0,
REFCOEFINCB_PH0, REFCOEFINCA_PH0]
b0: +
b1: -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com