Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX9331EVKA Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX9331EVKA
Description  PerSe Connect, High Performance Small 5-ch. Capacitive Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX9331EVKA Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX9331EVKA Datasheet HTML 17Page - Semtech Corporation SX9331EVKA Datasheet HTML 18Page - Semtech Corporation SX9331EVKA Datasheet HTML 19Page - Semtech Corporation SX9331EVKA Datasheet HTML 20Page - Semtech Corporation SX9331EVKA Datasheet HTML 21Page - Semtech Corporation SX9331EVKA Datasheet HTML 22Page - Semtech Corporation SX9331EVKA Datasheet HTML 23Page - Semtech Corporation SX9331EVKA Datasheet HTML 24Page - Semtech Corporation SX9331EVKA Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SX9331
Final Datasheet
April 21, 2023
www.semtech.com
21 of 48
Rev. 2
Proprietary & Confidential
Semtech
3.6.2.Doze
In some applications, the reaction/sensing time needs to be fast when the user is present (proximity detected), but can
be slow when no detection has occurred for some time.
The Doze mode, when enabled (DOZEPERIOD), allows the chip to automatically switch between a fast scan period
(SCANPERIOD) during proximity detection (by any of the enabled phase) and a slow scan period (DOZEPERIOD)
when no proximity is detected. This enables lower average power consumption at the expense of longer reaction times.
After proximity is detected (by any of the enabled phases), the chip will automatically switch to Active mode. And
conversely when proximity is not detected anymore (by none of the enable phases), it will automatically switch to Doze
mode.
3.6.3.Sleep
Sleep mode can be entered by disabling all phases (PHEN=0). It places the chip in its lowest power mode, with scanning
completely disabled and idle period set to continuous. In this mode, only the I2C serial bus is active. Enabling any
phase (PHEN) and sending activation command will make the chip leave Sleep mode (for Doze if enabled, else Active
mode).
Additionally, Sleep mode can also be entered by using pause feature. But unlike using PHEN, exiting Sleep mode thru
unpause will not generate any compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com