Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-15VF-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-15VF-R1
Description  V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-15VF-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-15VF-R1 Datasheet HTML 1Page - Eravant SWC-15VF-R1 Datasheet HTML 2Page - Eravant SWC-15VF-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-15VF-R1 and SWC-15VM-R1
Rev 1.5
www.eravant.com | 501 Amapola Ave, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
Copyright © 2023 by Eravant
Description:
Models SWC-15VF-R1 and SWC-15VM-R1 are right angle
(90°) V-Band waveguide to coax adapters that cover the
frequency range of 50 to 70 GHz. They are designed and
manufactured for instrumentation grade quality but
offered at a commercial grade price, allowing for an
efficient transition between the rectangular waveguide and
1.85 mm coax connector. The end launch (180°) versions
are offered under model numbers SWC-15VF-E1 and SWC-
15VM-E1.
Features:
• Broadband Coverage
• Low Insertion Loss and VSWR
• Instrumentation Grade
• DC Open Circuit
Applications:
• Test Lab
• Instrumentations
• Sub-assemblies
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
50 GHz
70 GHz*
Insertion Loss
0.7 dB
1 dB
Return Loss
13 dB
16 dB
Power Handling
40 W (CW)
Specification Temperature
+25 °C
Operating Temperature
-40 °C
+85 °C
* Operating Frequency is limited by the 1.85 mm connector.
Mechanical Specifications:
Item
Parameter
Waveguide Port
WR-15 with UG-385/U Anti-Cocking Flange
Coaxial Port
1.85 mm Female for Model Number: SWC-15VF-R1
1.85 mm Male for Model Number: SWC-15VM-R1
Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-VR-A


Similar Part No. - SWC-15VF-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-15VF-R1-1.0 ERAVANT-SWC-15VF-R1-1.0 Datasheet
324Kb / 3P
V-Band Waveguide to 1.85 mm Connector Adapter, Right Angle
Rev 1.0
SWC-15VF-R1-V ERAVANT-SWC-15VF-R1-V Datasheet
350Kb / 3P
V-Band Waveguide to 1.85mm Connector Adapter, Right Angle, Thermal Vacuum Safe
Rev 1.3
SWC-15VF-R1-WR ERAVANT-SWC-15VF-R1-WR Datasheet
397Kb / 2P
V-Band Waveguide to Coax Panel Mount Adapter, Right Angle
Rev. 1.1
More results

Similar Description - SWC-15VF-R1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
185M-KF MINI-185M-KF Datasheet
202Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-F
185M-KM MINI-185M-KM Datasheet
211Kb / 2P
Adapter 1.85 mm-M to 2.92 mm-M
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185F-185F MINI-185F-185F Datasheet
212Kb / 2P
Adapter 1.85 mm-F to 1.85 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
185M-185F MINI-185M-185F Datasheet
182Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-F
185M-185M MINI-185M-185M Datasheet
229Kb / 2P
Adapter 1.85 mm-M to 1.85 mm-M
logo
Amphenol Corporation
SF1133-6038 AMPHENOL-SF1133-6038 Datasheet
98Kb / 1P
1.85 mm FEMALE TO FEMALE ADAPTER
SF1133-6009 AMPHENOL-SF1133-6009 Datasheet
91Kb / 1P
1.85 mm MALE TO MALE ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com