Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWC-192M-R1 Datasheet(PDF) 1 Page - Eravant

Part # SWC-192M-R1
Description  U-Band Waveguide to 2.4 mm Connector Adapter, Right Angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWC-192M-R1 Datasheet(HTML) 1 Page - Eravant

  SWC-192M-R1 Datasheet HTML 1Page - Eravant SWC-192M-R1 Datasheet HTML 2Page - Eravant SWC-192M-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SWC-192F-R1 and SWC-192M-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/3
Rev 1.3
U-Band Waveguide to 2.4 mm Connector Adapter, Right Angle
SWC-192F-R1 and SWC-192M-R1 are right angle (90°) U-Band
waveguide to coax adapters that cover the frequency range of 40 to 52
GHz. They are designed and manufactured for instrumentation grade
quality but offered at a commercial grade price, allowing for an efficient
transition between the rectangular waveguide and 2.4 mm coax connector.
The end launch (180°) versions are offered under model numbers SWC-
192F-E1 and SWC-192M-E1.
Electrical Specifications:
*Operating frequency is limited by the 2.4 mm connector.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency Range
40 GHz
52 GHz*
Insertion Loss
0.5 dB
0.8 dB
Return Loss
16 dB
18 dB
Power Handling
40 W (CW)
Specification Temperature
+25°C
Operating Temperature
-40°C
+85°C
Item
Specification
RF Ports
WR-19 Waveguide with UG-383/U-M Anti-Cocking Flange
Coaxial
2.4 mm Female for Model Number: SWC-192F-R1
2.4 mm Male for Model Number: SWC-192M-R1
Housing Material
Aluminum
Finish
Gold Plated
Weight
0.4 Oz
Outline
WC-UR-A
ECCN
EAR99
FEATURES
•
40 to 52 GHz Coverage
•
Lower Insertion Loss and VSWR
•
Instrumentation Grade
•
DC Open Circuit
APPLICATIONS
•
Test Lab
•
Instrumentations
• Sub-assemblies
SUPPLEMENTAL DETAILS


Similar Part No. - SWC-192M-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SWC-192M-E1 ERAVANT-SWC-192M-E1 Datasheet
363Kb / 3P
U-Band Waveguide to 2.4 mm Connector Adapter, End Launch
Rev 1.3
More results

Similar Description - SWC-192M-R1

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
List of Unclassifed Man...
5014CCSF ETC2-5014CCSF Datasheet
297Kb / 1P
SMA FE. TO APC 2.4 MM M. ADAPTER
5119 ETC2-5119 Datasheet
98Kb / 1P
2.4 MM MALE TO 2.4MM FEMALE PHASE ADJUSTABLE ADAPTER
logo
Pasternack Enterprises,...
PE-W42CA002 PASTERNACK-PE-W42CA002 Datasheet
424Kb / 4P
WR-42 With UG595-U Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz K Band
PE-W19CA002 PASTERNACK-PE-W19CA002 Datasheet
442Kb / 4P
WR-19 With UG383-U-Mod Flange to 1.85mm Male Waveguide to Coax Adapter Operating From 40 GHz to 60 GHz U Band
PE-W28CA001 PASTERNACK-PE-W28CA001 Datasheet
414Kb / 4P
WR-28 With UG-599 - U Flange to 2.92mm Female Waveguide to Coax Adapter Operating From 26.5 GHz to 40 GHz Ka Band
logo
Mini-Circuits
185F-24F MINI-185F-24F Datasheet
218Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-F
185F-24M MINI-185F-24M Datasheet
178Kb / 2P
Adapter 1.85 mm-F to 2.4 mm-M
185M-24F MINI-185M-24F Datasheet
204Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-F
185M-24M MINI-185M-24M Datasheet
222Kb / 2P
Adapter 1.85 mm-M to 2.4 mm-M
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com