Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL6408AEX Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCAL6408AEX
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408AEX Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCAL6408AEX Datasheet HTML 17Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 18Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 19Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 20Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 21Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 22Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 23Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 24Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
002aah278
LED
VDD(P)
Pn
VDD
Figure 17. High-value resistor in parallel with the LED
002aah279
LED
VDD(P)
Pn
3.3 V
5 V
Figure 18. Device supplied by a lower voltage
9.2 Output drive strength control
The Output drive strength registers allow the user to control the output drive level of the GPIO. Each GPIO can
be configured independently to one of the four possible output current levels. By programming these bits the
user is changing the number of transistor pairs or ‘fingers’ that drive the I/O pad.
Figure 19 shows a simplified output stage. The behavior of the pad is affected by the Configuration register, the
output port data, and the current control register. When the Current Control register bits are programmed to 10b,
then only two of the fingers are active, reducing the current drive capability by 50 %.
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
21 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com