Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL6408AEX Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCAL6408AEX
Description  Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL6408AEX Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCAL6408AEX Datasheet HTML 36Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 37Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 38Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 39Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 40Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 41Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 42Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 43Page - NXP Semiconductors PCAL6408AEX Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
NXP Semiconductors
PCAL6408A
Low-voltage translating, 8-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and
configuration registers
002aag977
DUT
CL = 50 pF
RL = 1 k
SDA
VDD(I2C-bus)
a. SDA load configuration
002aag981
DUT
CL = 50 pF
500
Pn
2 × VDD(P)
500
b. P port load configuration
SDA
SCL
002aag984
trst
trec(rst)
tw(rst)
RESET
Pn
START
trst
ACK or read cycle
0.3 × VDD(I2C-bus)
0.5 × VDD(I2C-bus)
0.5 × VDD(P)
trec(rst)
CL includes probe and jig capacitance.
All inputs are supplied by generators having the following characteristics: PRR ≤ 10 MHz; Zo = 50 Ω; tr/tf ≤ 30 ns.
The outputs are measured one at a time, with one transition per measurement.
I/Os are configured as inputs.
All parameters and waveforms are not applicable to all devices.
c. RESET timing
Figure 35. Reset load circuits and voltage waveforms
PCAL6408A
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.3 — 14 October 2024
Document feedback
40 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com