Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS05DYYR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74HCS05DYYR
Description  SNx4HC05 Hex Inverters with Open-Drain Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS05DYYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HCS05DYYR Datasheet HTML 2Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 3Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 4Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 5Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 6Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 7Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VOL
Low-level output
voltage
VI = VIH or
VIL
IOL = 20
µA
2 V
0.002
0.1
0.1
0.1
V
4.5 V
0.001
0.1
0.1
0.1
6 V
0.001
0.1
0.1
0.1
IOL = 4 mA 4.5 V
0.17
0.26
0.33
0.4
IOL = 5.2
mA
6 V
0.15
0.26
0.33
0.4
II
Input leakage
current
VI = VCC or 0
6 V
±0.1
±1
±1
µA
ICC Supply current
VI = VCC or
0
IO = 0
6 V
2
20
40
µA
Ci
Input
capacitance
2 V to
6 V
3
10
10
10
pF
6.7 Switching Characteristics - 74
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–40°C to 125°C
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
tPLH
Propagation delay low-to-
high
A
Y
2 V
60
115
145
160
ns
4.5 V
13
23
29
31
6 V
10
20
25
28
tPHL
Propagation delay high-to-
low
A
Y
2 V
45
85
105
120
ns
4.5 V
9
17
21
23
6 V
8
14
18
21
tt
Transition-time
Y
2 V
38
75
95
110
ns
4.5 V
8
15
19
22
6 V
6
13
16
19
6.8 Switching Characteristics - 54
over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted).
PARAMETER
FROM
TO
VCC
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–55°C to 125°C
MIN
TYP MAX
MIN
TYP MAX
MIN
TYP MAX
tPLH
Propagation delay low-to-
high
A
Y
2 V
60
115
145
175
ns
4.5 V
13
23
29
35
6 V
10
20
25
30
tPHL
Propagation delay high-to-
low
A
2 V
45
85
105
130
ns
4.5 V
9
17
21
26
6 V
8
14
18
22
tt
Transition-time
Y
2 V
38
75
95
110
ns
4.5 V
8
15
19
22
6 V
6
13
16
19
SN74HC05, SN54HC05
SCLS080F – MARCH 1984 – REVISED APRIL 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC05 SN54HC05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com