Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS05DYYR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74HCS05DYYR
Description  SNx4HC05 Hex Inverters with Open-Drain Outputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS05DYYR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HCS05DYYR Datasheet HTML 8Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 9Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 10Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 11Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 12Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 13Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 14Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 15Page - Texas Instruments SN74HCS05DYYR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
the SN74HC05, as specified in the Electrical Characteristics - 74, and the desired input transition rate. A 10-kΩ
resistor value is often used due to these factors.
The SN74HC05 has standard CMOS inputs, so input signal edge rates cannot be slow. Slow input edge
rates can cause oscillations and damaging shoot-through current. The recommended rates are defined in the
Recommended Operating Conditions.
Refer to Section 8.3 for additional information regarding the inputs for this device.
9.2.1.3 Output Considerations
The ground voltage is used to produce the output LOW voltage. Sinking current into the output will increase the
output voltage as specified by the VOL specification in the Electrical Characteristics - 74. The plot in provides a
typical relationship between output voltage and current for this device.
Open-drain outputs can be directly connected together to produce a wired-AND. This is possible because the
outputs cannot source current, and thus can never be in bus-contention.
Unused outputs can be left floating. Do not connect outputs directly to VCC or ground.
Refer to Section 8.3 for additional information regarding the outputs for this device.
9.2.2 Detailed Design Procedure
1. Add a decoupling capacitor from VCC to GND. The capacitor needs to be placed physically close to the
device and electrically close to both the VCC and GND pins. An example layout is shown in Section 11.
2. Ensure the capacitive load at the output is ≤ 70 pF. This is not a hard limit, however it will ensure optimal
performance. This can be accomplished by providing short, appropriately sized traces from the SN74HC05
to the receiving device.
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in megaohms; much larger than the minimum calculated above.
4. Thermal issues are rarely a concern for logic gates, however the power consumption and thermal increase
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation
9.2.3 Application Curves
Input
Output
LED Status
OFF
ON
OFF
ON
Figure 9-2. Typical application timing diagram
SN74HC05, SN54HC05
SCLS080F – MARCH 1984 – REVISED APRIL 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC05 SN54HC05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com